Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IVA-05128 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. IVA-05128
Description  Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IVA-05128 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  IVA-05128 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IVA-05128 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IVA-05128 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IVA-05128 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-173
Silicon Bipolar MMIC 1.5 GHz
Variable Gain Amplifier
Technical Data
Features
50 MHz to 1.5 GHz
Bandwidth
Data Rates up to 2.0 Gbit/s
High Gain: 26 dB Typical
Wide Gain Control Range:
30 dB Typical
Differential Output
Capability
Bias V
CC - Vee = 5 V
5 V TTL Compatible V
gc
Control Voltage, lgc < 3 mA
Hermetic Ceramic Surface
Mount Package
Description
The IVA-05128 is a variable gain
amplifier housed in a miniature
ceramic hermetic surface mount
package. It is designed for narrow
or wide bandwidth commercial,
industrial and military
applications that require high gain
and wide gain control range. The
amplifier can be used in a single-
ended or differential output
configuration. For low frequency
applications (<50 MHz) a bypass
capacitor and series resistor are
connected to pin 4, the AC Input
Ground lead.
Typical applications include
variable gain amplification for
fiberoptic systems at data rates in
excess of the 1.24 Gb/s SONET
standard, mobile radio and
satellite receivers, millimeter
wave receiver IF amplifiers and
communications receivers.
The IVA series of variable gain
amplifiers is fabricated using HP’s
10 GHz fT, 25 GHz fMAX ISOSAT
TM-I
silicon bipolar process. This
process uses nitride self-
alignment, submicrometer
lithography, trench isolation, ion
implantation, gold metallization
and polyimide inter-metal
dielectric and scratch protection
to achieve excellent performance,
uniformity and reliability.
28 Package
IVA-05128
Typical Biasing Configuration and
Functional Block Diagram
5965-9974E
PIN 1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn