Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

INA-52063 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. INA-52063
Description  1.5 GHz Low Noise Silicon MMIC Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-52063 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  INA-52063 Datasheet HTML 1Page - Agilent(Hewlett-Packard) INA-52063 Datasheet HTML 2Page - Agilent(Hewlett-Packard) INA-52063 Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-52063 Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-52063 Datasheet HTML 5Page - Agilent(Hewlett-Packard) INA-52063 Datasheet HTML 6Page - Agilent(Hewlett-Packard) INA-52063 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6-161
Figure 13. Assembled Amplifier.
INPUT
OUTPUT
C2
RFC
C1
C3
C4
VCC
INA-5XX63 DEMO BOARD
H
05/95
INA-52063 Part Number Ordering Information
Part Number
Devices per Container
Container
INA-52063-TR1
3,000
7" reel
INA-52063-BLK
100
Antistatic bag
Package Dimensions
Outline 63 (SOT-363/SC-70)
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
INA-54063 3.0 GHz Low Noise Silicon MMIC Amplifier 1  2  3  4  5  More Agilent(Hewlett-Packard)
MGA-86576 1.5 - 8 GHz Low Noise GaAs MMIC Amplifier 1  2  3  4  5  More Agilent(Hewlett-Packard)
INA-30311 1 GHz Low Noise Silicon MMIC Amplifier 1  2  3  4  5  More Agilent(Hewlett-Packard)
INA-50311 1 GHz Low Noise Silicon MMIC Amplifier 1  2  3  4  5  Agilent(Hewlett-Packard)
INA-51063 2.4 GHz Low Noise Silicon MMIC Amplifier 1  2  3  4  5  Agilent(Hewlett-Packard)
IVA-05228 Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option 1  2  3  4  Agilent(Hewlett-Packard)
XL1000 20.0-40.0 GHz GaAs MMIC Low Noise Amplifier 1  2  3  4  5  More Mimix Broadband
HMC463 GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1  2  3  4  5  More Hittite Microwave Corporation
AA022N1-00 21-24 GHz GaAs MMIC Low Noise Amplifier 1  2  Alpha Industries
XL1001 17.0-35.0 GHz GaAs MMIC Low Noise Amplifier 1  2  3  4  5  More Mimix Broadband

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn