Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

INA-51063 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. INA-51063
Description  2.4 GHz Low Noise Silicon MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-51063 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  INA-51063 Datasheet HTML 1Page - Agilent(Hewlett-Packard) INA-51063 Datasheet HTML 2Page - Agilent(Hewlett-Packard) INA-51063 Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-51063 Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-51063 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6-153
INA-51063 Typical Performance, TC = 25°C, ZO = 50 Ω, VCC = 5 V
Figure 7. Input and Output VSWR vs.
Frequency.
Figure 8. Supply Current vs. Voltage
and Temperature.
Figure 1. Gain vs. Frequency and
Voltage.
Figure 2. Noise Figure vs. Frequency
and Voltage.
Figure 3. Output Power for 1 dB Gain
Compression vs. Frequency and
Voltage.
Figure 4. Gain vs. Frequency and
Temperature.
0.05
10
FREQUENCY (GHz)
24
18
12
2.45
22
1.65
0.45
0.85
1.25
2.05
20
16
14
5.5 V
5.0 V
4.5 V
0.1
1.0
FREQUENCY (GHz)
1.3
5.0
3.0
2.0
2.5
4.0
2.1
0.5
0.9
1.7
1.5
2.5
3.5
4.5
5.5 V
5.0 V
4.5 V
0.1
-10
FREQUENCY (GHz)
1.5
4
-2
-6
2.7
2
2.1
0.9
-8
-4
0
5.5 V
5.0 V
4.5 V
0.1
10
FREQUENCY (GHz)
1.8
24
18
14
3.0
22
2.4
0.6
12
16
20
+85 °C
+25 °C
-40 °C
1.2
Figure 5. Noise Figure vs. Frequency
and Temperature.
Figure 6. Output Power for 1 dB Gain
Compression vs. Frequency and
Temperature.
0.1
1.0
FREQUENCY (GHz)
1.2
5.0
3.0
2.0
2.7
4.0
2.4
0.6
1.8
1.5
2.5
3.5
4.5
2.1
1.5
0.9
0.3
+85 °C
-40 °C
+25 °C
0.1
-10
FREQUENCY (GHz)
1.2
6
-2
-6
2
2.4
0.6
1.8
-8
-4
0
4
+85 °C
-40 °C
+25 °C
0.05
1.0
FREQUENCY (GHz)
2.2
1.6
1.2
2.45
2.0
1.65
0.45
0.85
1.25
2.05
1.8
1.4
VSWR OUT
VSWR IN
0
0
VCC (V)
4
25
15
7
20
6
1
5
+85 °C
+25 °C
-40 °C
3
25
10


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
INA-503111 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 Agilent(Hewlett-Packard)
INA-520631.5 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
INA-540633.0 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
INA-303111 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAAM12000Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz 1 2 Tyco Electronics
HMC282GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA022N1-0021-24 GHz GaAs MMIC Low Noise Amplifier 1 2 Alpha Industries
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn