Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

INA-51063 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. INA-51063
Description  2.4 GHz Low Noise Silicon MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-51063 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  INA-51063 Datasheet HTML 1Page - Agilent(Hewlett-Packard) INA-51063 Datasheet HTML 2Page - Agilent(Hewlett-Packard) INA-51063 Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-51063 Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-51063 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6-151
Description
Hewlett-Packard’s INA-51063 is a
Silicon monolithic amplifier that
offers excellent gain and noise
figure for applications to 2.4 GHz.
Packaged in an ultra-miniature
SOT-363 package, it requires half
the board space of a SOT-143
package.
The INA-51063 uses a topology
which is internally biased,
eliminating the need for external
components and providing
decreased sensitivity to ground
inductance.
The INA-51063 is fabricated using
HP’s 30 GHz fMAX ISOSAT
TM
Silicon bipolar process which
uses nitride self-alignment sub-
micrometer lithography, trench
isolation, ion implantation, gold
metallization, and polyimide
intermetal dielectric and scratch
protection to achieve superior
performance, uniformity, and
reliability.
2.4 GHz Low Noise Silicon MMIC
Amplifier
Technical Data
INA-51063
Features
• Ultra-Miniature Package
• Internally Biased, Single 5 V
Supply (12 mA)
• 20.5 dB Gain
• 3 dB NF
• Unconditionally Stable
Applications
• Amplifier for Cellular,
Cordless, Special Mobile
Radio, PCS, ISM, Wireless
LAN, DBS, TVRO, and TV
Tuner Applications
Surface Mount SOT-363
(SC-70) Package
Pin Connections and
Package Marking
Equivalent Circuit (Simplified)
RF
INPUT
VCC
RF
OUTPUT
GROUND
OUTPUT
GND
GND
GND
INPUT
1
2
3
6
5
4VCC
Note: Package marking provides
orientation and identification.
5965-9680E


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
INA-503111 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 Agilent(Hewlett-Packard)
INA-520631.5 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
INA-540633.0 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
INA-303111 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MAAM12000Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz 1 2 Tyco Electronics
HMC282GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA022N1-0021-24 GHz GaAs MMIC Low Noise Amplifier 1 2 Alpha Industries
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn