Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDD430CI Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDD430CI
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD430CI Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDD430CI Datasheet HTML 4Page - IXYS Corporation IXDD430CI Datasheet HTML 5Page - IXYS Corporation IXDD430CI Datasheet HTML 6Page - IXYS Corporation IXDD430CI Datasheet HTML 7Page - IXYS Corporation IXDD430CI Datasheet HTML 8Page - IXYS Corporation IXDD430CI Datasheet HTML 9Page - IXYS Corporation IXDD430CI Datasheet HTML 10Page - IXYS Corporation IXDD430CI Datasheet HTML 11Page - IXYS Corporation IXDD430CI Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
IXDN430 / IXDI430 / IXDD430 / IXDS430
N Channel Output Current vs. Temperature
Vcc = 18V
0
5
10
15
20
25
30
35
40
45
-60
-10
40
90
140
190
Temperature (C)
P C hannel O utput C urrent vs. Vcc
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
10
15
20
25
30
35
40
Vcc (V)
High State Output Resistance vs. Supply Voltage
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
10
15
20
25
30
35
40
Supply Voltage (V)
P Channel Output Current vs. Temperature
Vcc = 18V
0
5
10
15
20
25
30
35
40
-60
-10
40
90
140
190
Temperature (C)
Fig. 21
Fig. 22
Fig. 23
Fig. 24
N Channel O utput Current vs. Vcc
0
10
20
30
40
50
60
70
10
15
20
25
30
35
40
Vcc (V )
Fig. 25
Fig. 26
Low State Output Resistance vs. Supply Voltage
0
0.05
0.1
0.15
0.2
0.25
10
15
20
25
30
35
40
Supply Voltage (V)


Similar Part No. - IXDD430CI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD430CI IXYS-IXDD430CI Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
More results

Similar Description - IXDD430CI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
   14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
   14 Amp Low-Side Ultrafast MOSFET Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
   8 Amp Low-Side Ultrafast MOSFET Driver
IXDD409PI IXYS-IXDD409PI Datasheet
259Kb / 10P
   9 Amp Low-Side Ultrafast MOSFET Driver
IXDD408PI IXYS-IXDD408PI Datasheet
271Kb / 10P
   8 Amp Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Clare, Inc.
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
   30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IX4351NE IXYS-IX4351NE Datasheet
284Kb / 10P
   9A Low Side SiC MOSFET & IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com