Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXBOD1-28RD Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXBOD1-28RD
Description  Breakover Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBOD1-28RD Datasheet(HTML) 4 Page - IXYS Corporation

  IXBOD1-28RD Datasheet HTML 1Page - IXYS Corporation IXBOD1-28RD Datasheet HTML 2Page - IXYS Corporation IXBOD1-28RD Datasheet HTML 3Page - IXYS Corporation IXBOD1-28RD Datasheet HTML 4Page - IXYS Corporation IXBOD1-28RD Datasheet HTML 5Page - IXYS Corporation IXBOD1-28RD Datasheet HTML 6Page - IXYS Corporation IXBOD1-28RD Datasheet HTML 7Page - IXYS Corporation IXBOD1-28RD Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
H - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
2 BODs
3 BODs
4 BODs
D-Version
I
D
T
VJ
=
125°C;V = 0,8x V
BO
100
100
100
100
µA
V
BO
V
BO(TVJ) = VBO, 25°C [1 + KT (TVJ - 25°C)]
I
RMS
f = 50 HZ;
T
amb = 50°C
2.0
1.4
1.1
0.3
A
connection pins soldered to printed circuit
(conductor 0,035x2mm)
I
AVM
1.25
0.9
0.7
0.2
A
I
SM
t
p = 0.1 ms;
T
amb
= 50°C non repetitive
200
200
200
50
A
I²t
t
p = 0.1 ms;
T
amb = 50°C
2
2
2
0.125
A2s
V
T
T
VJ =125°C; IT = 5A
3.4
5.1
6.8
27
V
V
(TO)
For power-loss calculations only
2.2
3.3
4.4
17.5
V
r
T
T
VJ =125°C
0.24
0.36
0.48
3
T
amb
-40...+125
-40...+125
-40...+125
-40...+125
°C
T
stg
-40...+125
-40...+125
-40...+125
-40...+125
°C
T
VJm
125
125
125
125
°C
K
T
Temperatur coefficient of V
BO
2·10-3
2·10-3
2·10-3
2·10-3
K-1
K
P
coefficient for energy per pulse E
P (material constant)
700
700
700
700
K/Ws
R
thJA
- natural convection
20
20
20
20
K/W
- with air speed 2 m/s
16
16
16
16
K/W
Weight
typical
14
14
14
14
g
Breakover Diode Modules
V
BO
Standard
BOD -
V
Types
Elements
1200 ±50
IXBOD 1 -12R(D)
2
1300 ±50
IXBOD 1 -13R(D)
2
1400 ±50
IXBOD 1 -14R(D)
2
1500 ±50
IXBOD 1 -15R(D)
2
1600 ±50
IXBOD 1 -16R(D)
2
1700 ±50
IXBOD 1 -17R(D)
2
1800 ±50
IXBOD 1 -18R(D)
2
1900 ±50
IXBOD 1 -19R(D)
2
V
BO
Standard
BOD -
V
Types
Elements
2000 ±50
IXBOD 1 -20R(D)
3
2100 ±50
IXBOD 1 -21R(D)
3
2200 ±50
IXBOD 1 -22R(D)
3
2300 ±50
IXBOD 1 -23R(D)
3
2400 ±50
IXBOD 1 -24R(D)
3
2500 ±50
IXBOD 1 -25R(D)
3
2600 ±100 IXBOD 1 -26R(D)
3
2800 ±100 IXBOD 1 -28R(D)
3
3000 ±100 IXBOD 1 -30R(D)
3
3200 ±100 IXBOD 1 -32R(D)
3
V
BO
Standard
BOD -
V
Types
Elements
3400 ±100 IXBOD 1 -34R
4
3600 ±100 IXBOD 1 -36R
4
3800 ±100 IXBOD 1 -38R
4
4000 ±100 IXBOD 1 -40R
4
4200 ±100 IXBOD 1 -42R
4
Symbol
Test Conditions
Characteristic Values both Versions R & RD
2 BODs
3 BODs
4 BODs
I
BO
T
VJ =25°C
151515
mA
I
H
T
VJ =25°C
303030
mA
V
H
T
VJ =25°C
4 - 8
4 - 8
4 - 8
V
(dv/dt)
C
T
VJ =50°C;
V
D = 0.67·(VBO + 100V)
- V
BO
bis 1500V
> 1000
-
-
V/µs
- V
BO 1600 - 2000V
> 1500
-
-
V/µs
- V
BO 2100 - 2500V
-
> 2000
-
V/µs
- V
BO 2600 - 3000V
-
> 2500
-
V/µs
- V
BO 3200 - 3400V
-
-
> 3000
V/µs
- V
BO 3600 - 4200V
-
-
> 3500
V/µs
(di/dt)
C
T
VJ = 125°C;
V
D = VBO ; IT = 80A; f = 50 Hz
200
200
200
A/µs
t
q(typ)
T
VJ =
125°CV
D =
0.67·V
BO ; VR = 0V
150
150
150
µs
dv/dt
(lin.) = 200V/µs; IT = 80A; di/dt = -10A/µs
IXBOD 1 -12R...42R(D)
2-3 BODs
Version: R
Version: RD
IXYS reserve at these the right to change limits, test conditions and dimensions; Data according to IEC 60747


Similar Part No. - IXBOD1-28RD

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-25R IXYS-IXBOD1-25R Datasheet
258Kb / 8P
   Transient voltage protection
More results

Similar Description - IXBOD1-28RD

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
List of Unclassifed Man...
CR0300 ETC1-CR0300 Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com