Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

INA-50311 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. INA-50311
Description  1 GHz Low Noise Silicon MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-50311 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  INA-50311 Datasheet HTML 1Page - Agilent(Hewlett-Packard) INA-50311 Datasheet HTML 2Page - Agilent(Hewlett-Packard) INA-50311 Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-50311 Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-50311 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6-150
Figure 11. Application Example.
INA-50311 Part Number Ordering Information
Part Number
Devices per Container
Container
INA-50311-TR1
3,000
7" reel
INA-50311-BLK
100
Antistatic bag
Package Dimensions
DIMENSIONS ARE IN MILLIMETERS (INCHES)
0.10 (0.004)
0.013 (0.0005)
3.06 (0.120)
2.80 (0.110)
1.02 (0.041)
0.85 (0.033)
0.92 (0.036)
0.78 (0.031)
XXX
PACKAGE
MARKING
CODE
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
0.54 (0.021)
0.37 (0.015)
0.60 (0.024)
0.45 (0.018)
2.04 (0.080)
1.78 (0.070)
TOP VIEW
0.15 (0.006)
0.09 (0.003)
0.69 (0.027)
0.45 (0.018)
END VIEW
SIDE VIEW


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
INA-303111 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
INA-510632.4 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 Agilent(Hewlett-Packard)
INA-520631.5 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
INA-540633.0 GHz Low Noise Silicon MMIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA035N1-0028-36 GHz GaAs MMIC Low Noise Amplifier 1 2 3 Alpha Industries
CMM40002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CMM11002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn