Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS40FR2ST Datasheet(PDF) 7 Page - C&K Components

Part # ITS40FR2ST
Description  Vertical and right angle
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ITS40FR2ST Datasheet(HTML) 7 Page - C&K Components

  ITS40FR2ST Datasheet HTML 1Page - C&K Components ITS40FR2ST Datasheet HTML 2Page - C&K Components ITS40FR2ST Datasheet HTML 3Page - C&K Components ITS40FR2ST Datasheet HTML 4Page - C&K Components ITS40FR2ST Datasheet HTML 5Page - C&K Components ITS40FR2ST Datasheet HTML 6Page - C&K Components ITS40FR2ST Datasheet HTML 7Page - C&K Components ITS40FR2ST Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
B–95
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
11 nov 13
ITS Series
Illuminated Tact Switch
CAPS
Matte silver paint laser etch, flat edge
Translucent white, flat edge
A
A
2X 3.6
2X 2.8
4X 0.8
2X 4 +0.05
0
2.1
6.3±0.05
0.03A
7.5
0.05
-A-
4.5
0.05
4.5
0.05
R0.2
3.7
0
-0.1
1.3±0.05
0.9±0.05
R0.2
3.15 0
-0.1
R0.2 TYP
400ECA01E SHOWN
A-A
SECTION
0
E
Marking Color
0 No marking
E Laser etch (painted caps only)
4
0
Material
A Natural/Clear - polycarbonate
B Translucent white - polycarbonate
C Silver paint laser etch - polcarbonate
Paint Color
0 No paint
A Matte silver
Laser Etch
Marking
00 No marking
01 Power On/Off
04 Arrow right
05 Arrow left
06 Arrow up
07 Arrow down
09 Power
33 Arrow up (fill)
34 Arrow down (fill)
97 I/O
NEW!
400ECA01E
400EB0000
ITSXXFR1ST &
400ECA01E cap
Natural/clear
400EA0000


Similar Part No. - ITS40FR2ST

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS40F2 GLENAIR-ITS40F2 Datasheet
1Mb / 2P
   Dummy Plug Stowage Receptacle
ITS40F6 GLENAIR-ITS40F6 Datasheet
1Mb / 2P
   Dummy Plug Stowage Receptacle
ITS40F7 GLENAIR-ITS40F7 Datasheet
1Mb / 2P
   Dummy Plug Stowage Receptacle
ITS40F8 GLENAIR-ITS40F8 Datasheet
1Mb / 2P
   Dummy Plug Stowage Receptacle
More results

Similar Description - ITS40FR2ST

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0023 MOLEXKITS-76650-0023 Datasheet
37Kb / 2P
   Pluggable PCB Vertical and Right Angle Header and Plug
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
logo
Tyco Electronics
2-1437589-4 MACOM-2-1437589-4 Datasheet
120Kb / 1P
   Sip Switches, Low Profile, Vertical and Right Angle
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com