Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA-12063 Datasheet(PDF) 20 Page - Agilent(Hewlett-Packard)

Part # INA-12063
Description  1.5 GHz Low Noise Self-Biased Transistor Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-12063 Datasheet(HTML) 20 Page - Agilent(Hewlett-Packard)

Back Button INA-12063 Datasheet HTML 16Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 17Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 18Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 19Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 20Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 21Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 22Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 23Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 24Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
6-135
To assist designers in optimizing
not only the immediate circuit
using the INA-12063, but to also
optimize and evaluate trade-offs
that affect a complete wireless
system, the standard deviation
(
σ) is provided for many of the
Electrical Specifications param-
eters (at 25
°C) in addition to the
mean. The standard deviation is a
measure of the variability about
the mean. It will be recalled that a
normal distribution is completely
described by the mean and
standard deviation.
Standard statistics tables or
calculations provide the probabil-
ity of a parameter falling between
any two values, usually symmetri-
cally located about the mean.
Referring to Figure 30 for ex-
ample, the probability of a
parameter being between
± 1σ is
68.3%; between
± 2σis95.4%;and
between
± 3σis99.7%.
68%
95%
99%
Parameter Value
Mean
(
µ), typ
-3
σ -2σ -1σ
+1
σ +2σ +3σ
Figure 30. Normal Distribution.
Phase Reference Planes
The positions of the reference
planes used to specify S-param-
eters and Noise Parameters for
the INA-12063 are shown in
Figure 31. As seen in the illustra-
tion, the reference planes are
located at the point where the
package leads contact the test
circuit.
TEST CIRCUIT
REFERENCE
PLANES
Figure 31. Phase Reference Planes.
Test Circuits
The test circuit shown in Fig-
ure 32 is used for 100% testing of
the guaranteed RF and DC
parameters that are shown in the
Table of Electrical Specifications.
RF
INPUT
RF
OUTPUT
8.2 nH
5.6 k
10 nF
100 pF
8.2 nH
500
1 nF
1 nF
2.2 pF
+3 V
+3 V
+3 V
Figure 32. 900 MHz Test Circuit.
The test circuits in Figures 32 and
33 were used to generate the
characterization data and perfor-
mance curves for 900 MHz and
250 MHz.
RF
INPUT
RF
OUTPUT
180 nH
150
5.6 pF
16 k
10 nF
100 pF
39 nH
330
1 nF
1 nF
5.6 pF
+3 V
+3 V
+3 V
Figure 33. 250 MHz Test Circuit.
Electrostatic Sensitivity
RFICs are electro-
static discharge
(ESD) sensitive
devices. Although the
INA-12063 is robust in design,
permanent damage may occur to
these devices if they are sub-
jected to high energy electrostatic
discharges. Electrostatic charges
as high as several thousand volts
(which readily accumulate on the
human body and on test equip-
ment) can discharge without
detection and may result in
degradation in performance,
reliability, or failure.
Electronic devices may be
subjected to ESD damage in any
of the following areas:
• Storage and handling
• Inspection and testing
• Assembly
• In-circuit use
The INA-12063 is a ESD Class 1
device. Therefore, proper ESD
precautions are recommended
when handling, inspecting,
testing, assembling, and using
these devices to avoid damage.
The in-use aspect of potential
ESD damage is sometimes over-
looked. One such example of
possible damage is in the use of
an ESD sensitive device as the
front-end LNA stage in personal
communication equipment, such
as cellular telephones, PCS, or RF
modems.
The input to receiver LNAs are
frequently connected to external
antennas that are subject to
human contact and exposure to
other potentially damaging levels
of ESD. If this type of condition
exists, some type of circuit
protection may be needed. One
simple method of preventing ESD
damage is to add a DC return
path (e.g., a shunt inductor) to
the input of the receiver. This
type of protection may be inte-
grated into other parts of the
receiver front end, such as in a
T/R switch, filter, or the input
matching network to the LNA.


Similar Part No. - INA-12063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-10386 HP-INA-10386 Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-10386-BLK HP-INA-10386-BLK Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-10386-TR1 HP-INA-10386-TR1 Datasheet
51Kb / 4P
   Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
More results

Similar Description - INA-12063

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2066RBF UMS-CHA2066RBF Datasheet
182Kb / 8P
   10-16GHz Self biased Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
   1.0 - 1.5 GHz Low Noise Amplifier
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
   1.5 - 1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Tyco Electronics
MAAM12021 MACOM-MAAM12021 Datasheet
117Kb / 3P
   Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
logo
Agilent(Hewlett-Packard...
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
   1.5 GHz Low Noise Silicon MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com