Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

INA-03184 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. INA-03184
Description  Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

INA-03184 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-110
INA-03184 Typical Scattering Parameters (ZO = 50 Ω, TA = 25°C, Id = 10 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
k
0.05
.32
179
25.6
19.14
–3
–37.1
.014
3
.55
0
1.48
0.10
.32
176
25.6
19.05
–7
–37.1
.014
4
.57
–3
1.45
0.20
.32
172
25.6
19.05
–14
–37.1
.014
6
.55
–5
1.48
0.40
.32
165
2.5
18.78
–29
–37.1
.014
10
.53
–11
1.53
0.60
.32
158
25.4
18.71
–43
–36.5
.015
11
.51
–14
1.49
0.80
.32
151
25.4
18.53
–57
–36.5
.015
13
.51
–17
1.50
1.00
.32
144
25.2
18.18
–72
–35.9
.016
21
.50
–20
1.46
1.20
.30
135
25.2
18.27
–86
–35.9
.016
25
.50
–23
1.46
1.40
.31
126
25.2
18.10 –102
–35.4
.017
30
.49
–29
1.42
1.60
.30
117
25.1
17.92 –117
–34.9
.018
38
.48
–34
1.38
1.80
.26
102
24.9
17.49 –135
–34.4
.019
44
.45
–41
1.39
2.00
.22
92
24.4
16.62 –153
–34.0
.020
49
.40
–50
1.44
2.50
.09
91
22.2
12.88
168
–33.6
.021
57
.26
–48
1.87
3.00
.14
160
18.9
8.79
134
–32.8
.023
65
.22
–33
2.40
3.50
.24
151
15.4
5.92
108
–32.0
.025
69
.26
–33
3.01
4.00
.29
139
12.4
4.18
87
–30.8
.029
81
.28
–43
3.52
Note:
1. S-parameters are de-embedded from 70 mil package measured data using the package model found in the DEVICE
MODELS section.
S11
S21
S12
S22
INA-03184 Typical Performance, T
A = 25°C
(unless otherwise noted)
0
5
10
15
20
25
Id (mA)
04
6
210
8
Vd (V)
Figure 2. Device Current vs. Voltage.
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 5. Output Power at 1 dB Gain
Compression vs. Frequency.
Figure 6. Noise Figure vs. Frequency.
10
15
20
25
30
1.0
0.1
0.2
0.5
1.0
2.0
5.0
2.0
3.0
4.0
5.0
FREQUENCY (GHz)
Figure 1. Typical Gain and Noise Figure
vs. Frequency, TA = 25°C, Id = 10 mA.
TC = +85°C
TC = +25°C
TC = –25°C
10
15
20
25
30
510
15
25
20
Figure 3. Power Gain vs. Current.
3.0
2.0
24
25
26
27
–6
–4
–2
0
–25
+25
+85
0.1
0.2
0.5
2.0
1.0
5.0
0.1
0.2
0.5
2.0
1.0
5.0
–8
4
0
8
–4
1.0
4.0
3.0
5.0
2.0
TEMPERATURE (
°C)
Figure 4. Output Power at 1 dB Gain
Compression, NF and Power Gain vs.
CaseTemperature, f = 1.5 GHz, Id = 10 mA.
Gp
P1 dB
NF
Gain Flat to DC
f = 0.1 – 2 GHz
f = 3 GHz
Id = 10 to 16 mA
Id = 8 mA
Id = 8 mA
Id = 10 mA
Id = 16 mA


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn