Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

INA-03184 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. INA-03184
Description  Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

INA-03184 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-108
Low Noise, Cascadable
Silicon Bipolar MMIC Amplifier
Technical Data
Features
• Cascadable 50
Ω Gain Block
• Low Noise Figure:
2.6 dB Typical at 1.5 GHz
• High Gain:
25 dB Typical at 1.5 GHz
• 3 dB Bandwidth:
DC to 2.5 GHz
• Unconditionally Stable
(k>1)
• Low Power Dissipation:
10 mA Bias
• Low Cost Plastic Package
INA-03184
84 Plastic Package
Description
The INA-03184 is a low-noise
silicon bipolar Monolithic Micro-
wave Integrated Circuit (MMIC)
Typical Biasing Configuration
Cblock
C bypass1 (Optional)
Cblock
Rbias
V
CC
Vd = 4.0 V
(Nominal)
RFC (Optional)
RF IN
RF OUT
4
1
2
3
Note:
1. VSWR can be improved by bypassing
a 100–120
Ω bias resistor directly to
ground. See AN-S012: Low Noise
Amplifiers.
feedback amplifier housed in a
low cost surface mount plastic
package. It is designed for narrow
or wide bandwidth commercial
and industrial applications that
require high gain and low noise IF
or RF amplification with minimum
power consumption.
The INA series of MMICs is
fabricated using HP’s 10 GHz fT,
25 GHz f MAX, ISOSAT™-I silicon
bipolar process which uses nitride
self-alignment, submicrometer
lithography, trench isolation, ion
implantation, gold metallization
and polyimide intermetal dielec-
tric and scratch protection to
achieve excellent performance,
uniformity and reliability.
5965-9678E


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn