Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

INA-03170 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. INA-03170
Description  Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

INA-03170 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6-106
INA-03170 Absolute Maximum Ratings
Parameter
Absolute Maximum[1]
Device Current
25 mA
Power Dissipation[2,3]
200 mW
RF Input Power
+13dBm
Junction Temperature
200
°C
Storage Temperature
–65 to 200
°C
Thermal Resistance[2,4]:
θ
jc = 150°C/W
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE= 25°C.
3. Derate at 6.7 mW/
°C for T
C > 170°C.
4. See MEASUREMENTS section
“Thermal Resistance” for more
information.
GP
Power Gain (|S21| 2)
f = 1.5 GHz
dB
24.5
28.0
30.0
∆GP
Gain Flatness
f = 0.01 to 2.0 GHz
dB
± 0.5
f3 dB
3 dB Bandwidth[2]
GHz
2.8
ISO
Reverse Isolation (|S12| 2)
f = 0.01 to 2.0 GHz
dB
37
Input VSWR
f = 0.01 to 2.0 GHz
2.0[3]
Output VSWR
f = 0.01 to 2.0 GHz
3.0[3]
NF
50
Ω Noise Figure
f = 1.5 GHz
dB
2.5
3.0
P1 dB
Output Power at 1 dB Gain Compression
f = 1.5 GHz
dBm
1.0
IP3
Third Order Intercept Point
f = 1.5 GHz
dBm
10
tD
Group Delay
f = 1.5 GHz
psec
200
Vd
Device Voltage
f = 1.5 GHz
V
4.0
5.3
6.0
dV/dT
Device Voltage Temperature Coefficient
mV/
°C+5
Notes:
1. The recommended operating current range for this device is 8 to 20 mA. Typical performance as a function of current is
on the following page.
2. Referenced from 10 MHz Gain (GP).
3. VSWR can be improved by bypassing the bias directly to ground.
INA-03170 Electrical Specifications[1], T
A = 25°C
Symbol
Parameters and Test Conditions: I
d = 12 mA, ZO = 50 Ω
Units
Min.
Typ.
Max.
VSWR
INA-03170 Typical Scattering Parameters (Z
O = 50 Ω, TA = 25°C, Id = 12 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
k
0.05
.35
178
26.6
21.48
–4
–35.9
.016
9
.56
–1
1.24
0.10
.35
176
26.6
21.42
–7
–36.5
.015
6
.56
–4
1.29
0.20
.34
172
26.6
21.37
–14
–36.5
.015
–1
.56
–7
1.30
0.40
.34
164
26.5
21.19
–28
–36.5
.015
–5
.54
–13
1.33
0.60
.33
158
26.4
20.91
–41
–38.4
.012
2
.53
–18
1.58
0.80
.32
152
26.3
20.69
–54
–37.1
.014
5
.51
–22
1.46
1.00
.32
147
26.2
20.48
–67
–36.5
.015
4
.50
–27
1.41
1.20
.32
141
26.2
20.40
–80
–39.2
.011
13
.49
–32
1.79
1.40
.31
133
26.3
20.73
–93
–37.7
.013
25
.48
–38
1.57
1.60
.31
125
26.5
21.15 –106
–37.1
.014
28
.47
–45
1.47
1.80
.30
117
26.8
21.84 –121
–35.4
.017
30
.46
–52
1.28
2.00
.27
106
26.9
22.20 –138
–37.1
.014
33
.42
–62
1.48
2.50
.15
94
26.6
21.48 –177
–35.4
.017
23
.31
–79
1.44
3.00
.16
159
23.7
15.32
133
–34.4
.019
42
.16
–72
1.78
3.50
.28
150
19.8
9.81
99
–35.4
.017
28
.19
–60
2.71
S11
S21
S12
S22


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn