Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

INA-02184 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. INA-02184
Description  Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

INA-02184 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6-97
INA-02184, -02186 Absolute Maximum Ratings
Parameter
Absolute Maximum[1]
Device Current
50 mA
Power Dissipation[2,3,4]
400 mW
RF Input Power
+13dBm
Junction Temperature
+150
°C
Storage Temperature
–65 to 150
°C
Thermal Resistance[2]:
θ
jc = 90°C/W — INA-02184
θ
jc = 100°C/W — INA-02186
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE= 25°C.
3. Derate at 11.1 mW/
°C for T
C >
144
°CforINA-02184.
4. Derate at 10 mW/
°C for T
C > 110°C
for INA-02186.
GP
Power Gain (|S21| 2)
f = 0.5 GHz
dB
29.0 31.0
29.0 31.0
∆GP
Gain Flatness
f = 0.01 to 1.0 GHz
dB
± 2.0
± 2.0
f3 dB
3 dB Bandwidth[2]
GHz
0.8
0.8
ISO
Reverse Isolation (|S12| 2)
f = 0.01 to 1.0 GHz
dB
39
39
Input VSWR (Max over Freq. Range)
f = 0.01 to 1.0 GHz
1.5
2.0
Output VSWR (Max over Freq. Range)
f = 0.01 to 1.0 GHz
1.7
1.7
NF
50
Ω Noise Figure
f = 0.5 GHz
dB
2.0
2.0
P1 dB
Output Power at 1 dB Gain Compression
f = 0.5 GHz
dBm
11
11
IP3
Third Order Intercept Point
f = 0.5 GHz
dBm
23
23
tD
Group Delay
f = 0.5 GHz
psec
330
350
Vd
Device Voltage
V
4.0
5.5
7.0
4.0
5.5
7.0
dV/dT
Device Voltage Temperature Coefficient
mV/
°C
+10
+10
Notes:
1. The recommended operating current range for this device is 30 to 40 mA. Typical performance as a function of current
is on the following page.
2. Referenced from 10 MHz Gain (GP).
INA-02184, -02186 Electrical Specifications[1], T
A = 25°C
Symbol Parameters and Test Conditions: I
d = 35 mA, ZO = 50 Ω Units Min. Typ. Max. Min. Typ. Max.
VSWR
INA-02184, -02186 Part Number Ordering Information
Part Number
No. of Devices
Container
INA-02184-TR1
1000
7" Reel
INA-02184-BLK
100
Antistatic Bag
INA-02186-TR1
1000
7" Reel
INA-02186-BLK
100
Antistatic Bag
For more information, see “Tape and Reel Packaging for Semiconductor Devices”.
INA-02184
INA-02186


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn