Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IAM-81028 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # IAM-81028
Description  Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IAM-81028 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  IAM-81028 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IAM-81028 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IAM-81028 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IAM-81028 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7-124
Electrical Specifications[1]
TA = 25°C
Parameters and Test Conditions:
Symbol
VCC = 5 V, ZO = 50 , LO = -5 dBm, RF = -20 dBm
Units
Min.
Typ.
Max.
GC
Conversion Gain
RF = 2 GHz, LO = 1.75 GHz
dB
7.0
8.5
10
f3dBRF
RF Bandwidth
IF = 250 MHz
GHz
4.5
(GC 3 dB Down)
f3dBIF
IF Bandwidth
LO = 2 GHz
GHz
0.6
(GC 3 dB Down)
P1dB
IF Output Power at
RF = 2 GHz, LO = 1.75 GHz
dBm
-6
1 dB Gain Compression
IP3
IF Output Third Order
RF = 2 GHz, LO = 1.75 GHz
dBm
3
Intercept Point
NF
SSB Noise Figure
RF = 2 GHz, LO = 1.75 GHz
dB
17
VSWR
RF Port VSWR
f = 0.05 to 5 GHz
1.5:1
LO Port VSWR
f = 0.05 to 5 GHz
1.5:1
IF Port VSWR
f < 1 GHz
1.5:1
RFif
RF Feedthrough at IF Port
RF = 2 GHz, LO = 1.75 GHz
dBc
-25
LOif
LO Leakage at IF Port
LO = 1.75 GHz
dBm
-25
LOrf
LO Leakage at RF Port
LO = 1.75 GHz
dBm
-35
ICC
Supply Current
mA
10
12.5
16
Note:
1. The recommended operating voltage range for this device is 4 to 8 V. Typical performance as a function of voltage is on the following
page.
Absolute Maximum Ratings
Absolute
Parameter
Maximum[1]
Device Voltage
15 V
Power Dissipation[2,3]
300 mW
RF Input Power
+14dBm
LO Input Power
+14dBm
Junction Temperature
200
°C
Storage Temperature
-65
°C to 200°C
Thermal Resistance:[2,4]
θ
jc = 50°C/W
Notes:
1. Permanent damage may occur if any of
these limits are exceeded.
2. TCASE = 25°C.
3. Derate at 20 mW/
°C for T
C > 185°C.
4. See MEASUREMENTS section “Thermal
Resistance” in Communications
Components Catalog, for more
information.


Similar Part No. - IAM-81028

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-81008 HP-IAM-81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81008-TR1 HP-IAM-81008-TR1 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81008-TR1 HP-IAM-81008-TR1 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
More results

Similar Description - IAM-81028

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM81008 HP-IAM81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81008 HP-IAM-81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-82008 HP-IAM-82008 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
IAM-82028 HP-IAM-82028 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC143 HITTITE-HMC143_08 Datasheet
183Kb / 8P
   GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
   7 GHz to 34 GHz, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com