Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSDL-7001-2500 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. HSDL-7001-2500
Description  IR 3/16 Encode/Decode IC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HSDL-7001-2500 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–A–
NOTES:
1. DIMENSIONS A AND B ARE DATUMS
AND T IS A DATUM SURFACE.
2. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
3. CONTROLLING DIMENSION: MILLIMETER.
4. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
5. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
P
–B–
G
D
0.25 (0.010)
φ
MT B S
A S
–T–
16 PL.
K
SEATING
PLANE
C
18
16
9
0.25 (0.010)
φ
MB M
R X 45°
F
J
M
MILLIMETERS
INCHES
MIN.
9.80
3.80
1.35
0.35
0.40
1.27 BSC
0.19
0.10
5.80
0.25
MAX.
10.00
4.00
1.75
0.49
1.25
0.25
0.25
6.20
0.50
DIM.
A
B
C
D
F
G
J
K
M
P
R
MIN.
0.386
0.150
0.054
0.014
0.016
0.060 BSC
0.008
0.004
0.229
0.010
MAX.
0.393
0.157
0.068
0.019
0.049
0.009
0.009
0.244
0.019
R
8 PL.
16
1
Table 1. Selection of Internal Clock Rate from Crystal Oscillator
Selected Clock Rate (bps)
A2
A1
A0
Crystal Freq. Division
115200
0
0
0
Divided by 2
57600
0
0
1
Divided by 4
19200
0
1
0
Divided by 12
9600
0
1
1
Divided by 24
38400
1
0
0
Divided by 6
4800
1
0
1
Divided by 48
2400
1
1
0
Divided by 96
TEST PURPOSE
1
1
1
No division
Package Dimensions


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn