Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSDL-7001-2500 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. HSDL-7001-2500
Description  IR 3/16 Encode/Decode IC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HSDL-7001-2500 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-65
+150
°C
Operating Temperature
TA
-40
+85
°C
Output Current
IO
-100
100
mA
Power Dissipation[1]
PMAX
0.46
W
Input/Output Voltage[2]
VI/VO
-0.5
VCC + 0.5
V
Power Supply Voltage
VCC
-0.5
7.0
V
Electrostatic Protection
VESD
4000
V
Notes:
1. Maximum power dissipation is given for Rth = 140 C/W (SO 16 Plastic).
2. All pins are protected from damage to static discharge by internal diode clamps to
VCC and GND.
Switching Specifications
(VCC = 2.7 to 5.5 V, TA = -20 to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Propagation Delay Time[1]
tpd
80
ns
Output Rise Time[2]
trise
3.7
7.25
11.6
ns
VCC = 5.5 V, CL = 50 pF
10
16
24
VCC = 2.7 V, CL = 50 pF
Output Fall Time[3]
tfall
4.4
8.35
11.2
ns
VCC = 5.5 V, CL = 50 pF
11
16
26
VCC = 2.7 V, CL = 50 pF
Output Capacitance on Output
COUT
50
pF
Pads Used for Simulation
Notes:
1. Propagation Delay Time in the output buffer is the time taken from the input passing VCC/2 to the time of the output reaching
VCC/2 with 50 pF as the output load.
2. The Output Rise Time is the time taken for the outputs (RCV, IR_TXD) to rise from 10% of the original value to 90% of the final
value.
3. The Output Fall Time is the time taken for the outputs (RCV, IR_TXD) to fall from 90% of the original value to 10% of the final
value.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn