Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2703-2-V Datasheet(PDF) 4 Page - NEC

Part # PS2703-2-V
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2703-2-V Datasheet(HTML) 4 Page - NEC

  PS2703-2-V Datasheet HTML 1Page - NEC PS2703-2-V Datasheet HTML 2Page - NEC PS2703-2-V Datasheet HTML 3Page - NEC PS2703-2-V Datasheet HTML 4Page - NEC PS2703-2-V Datasheet HTML 5Page - NEC PS2703-2-V Datasheet HTML 6Page - NEC PS2703-2-V Datasheet HTML 7Page - NEC PS2703-2-V Datasheet HTML 8Page - NEC PS2703-2-V Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet P11308EJ6V0DS00
4
PS2703-1,PS2703-2,PS2703-4
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 5 mA
1.1
1.4
V
Reverse Current
IR
VR = 5 V
5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Transistor
Collector to Emitter
Current
ICEO
IF = 0 mA, VCE = 120 V
100
nA
Coupled
Current Transfer Ratio
CTR
IF = 5 mA, VCE = 5 V
50
150
400
%
(IC/IF)
*1
IF = 1 mA, VCE = 5 V
10
80
Collector Saturation
Voltage
VCE (sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time
*2
tr
VCC = 5 V, IC = 2 mA, RL = 1 k
10
µs
Fall Time
*2
tf
10
*1 CTR rank (only PS2703-1)
CTR rank
CTR (%)
Conditions
K
200 to 400
IF = 5 mA, VCE = 5 V
80 to
IF = 1 mA, VCE = 5 V
L
100 to 300
IF = 5 mA, VCE = 5 V
25 to
IF = 1 mA, VCE = 5 V
M
50 to 150
IF = 5 mA, VCE = 5 V
10 to
IF = 1 mA, VCE = 5 V
*2 Test circuit for switching time
PW = 100 s
Duty Cycle = 1/10
µ
Pulse Input
VCC
VOUT
RL = 1 k
50
IF
In monitor


Similar Part No. - PS2703-2-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1 ETC2-PS2703-1 Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
California Eastern Labs
PS2703-1-A CEL-PS2703-1-A Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2703-2-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2832 NEC-PS2832 Datasheet
75Kb / 7P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com