Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDZ20 Datasheet(PDF) 5 Page - Rohm

Part # TDZ20
Description  Constant voltage control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TDZ20 Datasheet(HTML) 5 Page - Rohm

  TDZ20 Datasheet HTML 1Page - Rohm TDZ20 Datasheet HTML 2Page - Rohm TDZ20 Datasheet HTML 3Page - Rohm TDZ20 Datasheet HTML 4Page - Rohm TDZ20 Datasheet HTML 5Page - Rohm TDZ20 Datasheet HTML 6Page - Rohm TDZ20 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
TDZ10
lElectrical characteristic curves
0.001
0.01
0.1
1
10
100
1000
0
1
2
3
4
5
6
7
Ta = 75°C
Ta = 25°C
Ta = 125°C
Ta = -25°C
0.001
0.01
0.1
1
10
8
8.5
9
9.5 10 10.5 11 11.5 12
Ta = 75°C
Ta = 25°C
Ta = 125°C
Ta = -25°C
1
10
100
1000
0
1
2
3
4
5
6
f = 1MHz
9.8
9.9
10
10.1
10.2
10.3
AVE : 9.997V
Ta=25°C
IZ=10mA
n=30pcs
ZENER VOLTAGE : VZ(V)
VZ -IZ CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-Ct CHARACTERISTICS
VZ DISPERSION MAP
5/6
2013.11 - Rev.D


Similar Part No. - TDZ20

ManufacturerPart #DatasheetDescription
logo
Rohm
TDZ20 ROHM-TDZ20 Datasheet
160Kb / 5P
   Zener diode
TDZ20 ROHM-TDZ20 Datasheet
143Kb / 5P
   Zener diode
TDZ20 ROHM-TDZ20 Datasheet
142Kb / 5P
   Zener diode
TDZ20 ROHM-TDZ20 Datasheet
142Kb / 5P
   Zener diode
TDZ20 ROHM-TDZ20 Datasheet
371Kb / 7P
   Zener Diode
More results

Similar Description - TDZ20

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZSTE-176.8B ROHM-UDZSTE-176.8B Datasheet
159Kb / 5P
   Constant voltage control
UDZSTE-178.2B ROHM-UDZSTE-178.2B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1710B ROHM-UDZSTE-1710B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1715B ROHM-UDZSTE-1715B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR30 ROHM-TDZTR30 Datasheet
358Kb / 7P
   Constant voltage control
GDZT2R5.6 ROHM-GDZT2R5.6 Datasheet
117Kb / 5P
   Constant voltage control
MTZJT7724B ROHM-MTZJT7724B Datasheet
54Kb / 4P
   Constant voltage control
UDZSTE-1711B ROHM-UDZSTE-1711B Datasheet
159Kb / 5P
   Constant voltage control
EDZTE6112B ROHM-EDZTE6112B Datasheet
480Kb / 5P
   Constant voltage control
TDZTR7 ROHM-TDZTR7 Datasheet
356Kb / 7P
   Constant voltage control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com