Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2959HQ Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB2959HQ
Description  Maximum Power 47W BTL 4-ch Audio Power IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2959HQ Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB2959HQ Datasheet HTML 1Page - Toshiba Semiconductor TB2959HQ Datasheet HTML 2Page - Toshiba Semiconductor TB2959HQ Datasheet HTML 3Page - Toshiba Semiconductor TB2959HQ Datasheet HTML 4Page - Toshiba Semiconductor TB2959HQ Datasheet HTML 5Page - Toshiba Semiconductor TB2959HQ Datasheet HTML 6Page - Toshiba Semiconductor TB2959HQ Datasheet HTML 7Page - Toshiba Semiconductor TB2959HQ Datasheet HTML 8Page - Toshiba Semiconductor TB2959HQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TB2959HQ
2011-11-08
3
5. Pin Configuration and Function Descriptions
5.1 Pin Configuration (top view)
AUX-IN
PW-GND4
OUT4(-)
Mute
OUT4(+)
Vcc1
OUT3(-)
PW-GND3
OUT3(+)
AC-GND
IN3
IN4
Pre-GND
IN2
IN1
Ripple
OUT1(+)
PW-GND1
OUT1(-)
Vcc2
OUT2(+)
Stby
OUT2(-)
PW-GND2
TAB


Similar Part No. - TB2959HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
TB2903HQ TOSHIBA-TB2903HQ Datasheet
338Kb / 15P
   Maximum Power 47W BTL x 4-ch Audio Power IC
TB2904HQ TOSHIBA-TB2904HQ Datasheet
272Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
More results

Similar Description - TB2959HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2903HQ TOSHIBA-TB2903HQ Datasheet
338Kb / 15P
   Maximum Power 47W BTL x 4-ch Audio Power IC
TB2921HQ TOSHIBA-TB2921HQ Datasheet
213Kb / 11P
   Maximum Power 50 W BTL × 4-ch Audio Power IC
2006-05-25
TB2912HQ TOSHIBA-TB2912HQ Datasheet
586Kb / 40P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-04-28
TCB001HQ TOSHIBA-TCB001HQ Datasheet
1Mb / 25P
   Maximum Power 45W BTL x 4-ch Audio Power IC
TB2934HQ TOSHIBA-TB2934HQ Datasheet
464Kb / 39P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-06-14
TB2906HQ TOSHIBA-TB2906HQ Datasheet
281Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2904HQ TOSHIBA-TB2904HQ Datasheet
272Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2913HQ TOSHIBA-TB2913HQ Datasheet
328Kb / 15P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com