Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB2959HQ Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part No. TB2959HQ
Description  Maximum Power 47W BTL 4-ch Audio Power IC
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB2959HQ Datasheet(HTML) 19 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
TB2959HQ
2011-11-08
19
16.3 Output Power Characteristics to Input Voltage
16.4 Power Dissipation vs. Output Power
POUT (ch1) – VIN
POUT (ch2) – VIN
Input voltage VIN (rms) (V)
Input voltage VIN (rms) (V)
POUT (ch3) – VIN
POUT (ch4) – VIN
Input voltage VIN (rms) (V)
Input voltage VIN (rms) (V)
50
40
30
20
10
0
0
1
2
3
4
5
VCC = 13.2 V
RL = 4 
Filter nothing
100 Hz
10 kHz
f = 20 kHz
1 kHz
50
40
30
20
10
0
0
1
2
3
4
5
VCC = 13.2 V
RL = 4 
Filter nothing
100 Hz
10 kHz
f = 20 kHz
1 kHz
50
40
30
20
10
0
0
1
2
3
4
5
VCC = 13.2 V
RL = 4 
Filter nothing
100 Hz
10 kHz
f = 20 kHz
1 kHz
50
40
30
20
10
0
0
1
2
3
4
5
VCC = 13.2 V
RL = 4 
Filter nothing
100 Hz
10 kHz
f = 20 kHz
1 kHz
0
0
5
10
15
25
20
20
40
60
80
f = 1 kHz
RL = 4 
4ch drive
6.0 V
13.2 V
18 V
PD – POUT (RL = 4 )
Output power
POUT (W)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn