Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB2959HQ Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part No. TB2959HQ
Description  Maximum Power 47W BTL 4-ch Audio Power IC
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB2959HQ Datasheet(HTML) 18 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
TB2959HQ
2011-11-08
18
Figure 11-5 Frequency Characteristics of Ripple Rejection Rate
Figure 11-6 Frequency Characteristics of Cross Talk
0.1
0.01
100
80
1
10
60
40
20
0
VCC = 13.2 V
RL = 4 
f = 1 kHz
VOUT = 0.775 Vrms (0dBm)
RG = 620 
100
3ch
4ch
1ch
C.T. – f (ch1)
C.T. – f (ch2)
Frequency f (kHz)
Frequency f (kHz)
C.T. – f (ch3)
C.T. – f (ch4)
Frequency f (kHz)
Frequency f (kHz)
0.1
0.01
100
80
1
10
60
40
20
0
VCC = 13.2 V
RL = 4 
f = 1 kHz
VOUT = 0.775 Vrms (0dBm)
RG = 620 
100
2ch
3ch
4ch
0.1
0.01
100
80
1
10
60
40
20
0
VCC = 13.2 V
RL = 4 
f = 1 kHz
VOUT = 0.775 Vrms (0dBm)
RG = 620 
100
2ch
4ch
1ch
0.1
0.01
100
80
1
10
60
40
20
0
VCC = 13.2 V
RL = 4 
f = 1 kHz
VOUT = 0.775 Vrms (0dBm)
RG = 620 
100
1ch
3ch
2ch
VCC = 13.2 V
RL = 4 
RG = 620 
Vrip = 0.775 Vrms (0dBm)
GV = 26dB
0.1
0.01
100
80
110
60
40
20
0
3ch
2ch
4ch
1ch
R.R. – f (GV = 26dB)
Frequency
f (kHz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn