Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB2959HQ Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part No. TB2959HQ
Description  Maximum Power 47W BTL 4-ch Audio Power IC
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB2959HQ Datasheet(HTML) 17 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
TB2959HQ
2011-11-08
17
16.2 Various Frequency Characteristics
Figure 11-3 Frequency Characteristics of Total Harmonic Distortion
Figure 11-4 Frequency Characteristics of Voltage Gain and Mute Attenuation
THD – f
Frequency f (kHz)
VCC = 13.2 V
RL = 4 
POUT = 5 W
Filter nothing
0.1
0.01
100
0.001
110
0.003
0.01
0.03
0.1
0.3
1
3
8 V
16 V
13.2 V
VCC = 13.2 V
RL = 4 
VOUT = 0.775 Vrms (0dBm)
0.1
0.01
100
20
1
10
22
24
26
28
1ch to 4ch
VCC = 13.2 V
RL = 4 
VOUT = 7.75 Vrms (20dBm)
0.1
0.01
100
120
1
10
100
80
60
40
20
0
1ch~4ch
GV – f
ATTMUTE – f
Frequency f (kHz)
Frequency f (kHz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn