Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB2959HQ Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part No. TB2959HQ
Description  Maximum Power 47W BTL 4-ch Audio Power IC
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB2959HQ Datasheet(HTML) 16 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TB2959HQ
2011-11-08
16
Figure 11-2 Total Harmonic Distortion by Power-supply Voltage (RL = 4 )
16.0 V
13.2 V
VCC = 6.0 V
GV = 26dB
RL = 4 
f = 1 kHz
Filter
400 Hz to 30 kHz
0.3
100
0.001
0.003
0.005
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
50
0.1
0.5
3
10
50
100
1
5
30
THD – POUT (ch1)
THD – POUT (ch2)
Output power POUT (W)
Output power POUT (W)
THD – POUT (ch3)
THD – POUT (ch4)
Output power POUT (W)
Output power POUT (W)
16.0 V
13.2 V
VCC = 6.0 V
GV = 26dB
RL = 4 
f = 1 kHz
Filter
400 Hz to 30 kHz
0.3
100
0.001
0.003
0.005
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
50
0.1
0.5
3
10
50
100
1
5
30
16.0 V
13.2 V
VCC = 6.0 V
GV = 26dB
RL = 4 
f = 1 kHz
Filter
400 Hz to 30 kHz
0.3
100
0.001
0.003
0.005
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
50
0.1
0.5
3
10
50
100
1
5
30
16.0 V
13.2 V
VCC = 6.0 V
GV = 26dB
RL = 4 
f = 1 kHz
Filter
400 Hz to 30 kHz
0.3
100
0.001
0.003
0.005
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
50
0.1
0.5
3
10
50
100
1
5
30


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn