Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB2959HQ Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TB2959HQ
Description  Maximum Power 47W BTL 4-ch Audio Power IC
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB2959HQ Datasheet(HTML) 4 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TB2959HQ
2011-11-08
4
5.2 Pin Function Descriptions
Pin
Symbol
I/O
Description
TAB
TAB (Always connect with GND)
PW-GND2
Ground for Rear Left output
OUT2(-)
OUT
Rear Left output-
Stby
VST-IN
Standby voltage input
OUT2(+)
OUT
Rear Left output+
VCC2
VCC-IN
Supply voltage 2
OUT1(-)
OUT
Front Left output-
PW-GND1
Ground for Front Left output
OUT1(+)
OUT
Front Left output+
10
Ripple
Ripple voltage
11
IN1
IN
Front Left input
12
IN2
IN
Rear Left input
13
Pre-GND
Signal ground
14
IN4
IN
Rear Right input
15
IN3
IN
Front Right input
16
AC-GND
Common reference voltage for all input
17
OUT3(+)
OUT
Front Right output+
18
PW-GND3
Ground for Front Right output
19
OUT3(-)
OUT
Front Right output-
20
VCC1
VCC-IN
Supply voltage 1
21
OUT4(+)
OUT
Rear Right output+
22
Mute
VmuteIN
Mute voltage input
23
OUT4(-)
OUT
Rear Right output-
24
PW-GND4
Ground for Rear Right output
25
AUX-IN
IN_Beep
BEEP sound or voice synthesizer signal input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn