Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2705-4 Datasheet(PDF) 4 Page - NEC

Part # PS2705-4
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2705-4 Datasheet(HTML) 4 Page - NEC

  PS2705-4 Datasheet HTML 1Page - NEC PS2705-4 Datasheet HTML 2Page - NEC PS2705-4 Datasheet HTML 3Page - NEC PS2705-4 Datasheet HTML 4Page - NEC PS2705-4 Datasheet HTML 5Page - NEC PS2705-4 Datasheet HTML 6Page - NEC PS2705-4 Datasheet HTML 7Page - NEC PS2705-4 Datasheet HTML 8Page - NEC PS2705-4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet P11309EJ5V0DS00
4
PS2705-1,PS2705-2,PS2705-4
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF =
± 5 mA
1.1
1.4
V
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
60
pF
Transistor
Collector to Emitter
Current
ICEO
IF = 0 mA, VCE = 40 V
100
nA
Coupled
Current Transfer Ratio
(IC/IF)
*1
CTR
IF =
± 5 mA, VCE = 5 V
50
100
300
%
CTR Ratio
CTR1/
CTR2
IF =
± 5 mA, VCE = 5 V
0.3
1.0
3.0
Collector Saturation
Voltage
VCE (sat)
IF =
± 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time
*2
tr
VCC = 5 V, IC = 2 mA, RL = 100
3
µs
Fall Time
*2
tf
5
*1 CTR rank (only PS2705-1)
M: 50 to 150 (%)
L: 100 to 300 (%)
N: 50 to 300 (%)
*2 CTR1 = IC1/IF1, CTR2 = IC2/IF2
IF1
IF2
IC1
IC2
VCE
*3 Test circuit for switching time
VCC
VOUT
RL = 100
PW = 100 s
Duty Cycle = 1/10
µ
IF
Pulse Input
50
In monitor


Similar Part No. - PS2705-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2705-1 CEL-PS2705-1 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1 ETC2-PS2705-1 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
July 19, 2019
More results

Similar Description - PS2705-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
California Eastern Labs
PS2705-1 CEL-PS2705-1 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2805-1 NEC-PS2805-1 Datasheet
135Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
PS2765-1 NEC-PS2765-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2865-1 CEL-PS2865-1 Datasheet
334Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2765-1 RENESAS-PS2765-1 Datasheet
260Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
PS2865-1 RENESAS-PS2865-1 Datasheet
242Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com