Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2941HQ Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TB2941HQ
Description  Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2941HQ Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TB2941HQ Datasheet HTML 12Page - Toshiba Semiconductor TB2941HQ Datasheet HTML 13Page - Toshiba Semiconductor TB2941HQ Datasheet HTML 14Page - Toshiba Semiconductor TB2941HQ Datasheet HTML 15Page - Toshiba Semiconductor TB2941HQ Datasheet HTML 16Page - Toshiba Semiconductor TB2941HQ Datasheet HTML 17Page - Toshiba Semiconductor TB2941HQ Datasheet HTML 18Page - Toshiba Semiconductor TB2941HQ Datasheet HTML 19Page - Toshiba Semiconductor TB2941HQ Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TB2941HQ
2013-10-16
16
16.2 Pin 25 High-side switches, Output DC offset detector
(VCC = 13.2 V, f = 1 kHz, RL = 4 Ω, IO-HSW = 400mA, Ta = 25°C unless otherwise specified)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
HSW maximum current
IO-HSW (MAX)
VO-HSW = 12.6 V
400
mA
HSW I/O voltage ratio
∆VO
0.2
0.6
V
Function switching control
voltage
VM (HSW)
enable HSW
2.2
6.0
V
VM (DET)
enable Vos Det
7.0
VCC
DC offset threshold voltage
VOS-DET(ON)
VM= = 8V, Vo(+) – Vo(-)
±
2.5
±
3
±
3.5
V
RLSW
High side switch test circuit 1


Similar Part No. - TB2941HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2946HQ TOSHIBA-TB2946HQ Datasheet
484Kb / 18P
   49 W × 4-ch BTL Audio Power IC
2009-01-29
More results

Similar Description - TB2941HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2996HQ TOSHIBA-TB2996HQ Datasheet
1Mb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB9053FTG TOSHIBA-TB9053FTG Datasheet
4Mb / 95P
   Bi-CMOS Linear Integrated Circuit, Silicon Monolithic
2022-08-29 Rev. 1.1
TB2938HQ TOSHIBA-TB2938HQ Datasheet
551Kb / 26P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB9051FTG TOSHIBA-TB9051FTG Datasheet
1Mb / 49P
   Toshiba Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Ver.1.1 2019-03-14
TB9101FNG TOSHIBA-TB9101FNG Datasheet
612Kb / 16P
   TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB9102FNG TOSHIBA-TB9102FNG Datasheet
1Mb / 30P
   TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB1239BF TOSHIBA-TB1239BF Datasheet
333Kb / 26P
   Bi-CMOS Integrated Circuit Silicon Monolithic
TB9120AFTG TOSHIBA-TB9120AFTG Datasheet
2Mb / 50P
   Bi-CMOS Integrated Circuit Silicon Monolithic
2020-05-12
TB9120AFTAG TOSHIBA-TB9120AFTAG Datasheet
2Mb / 46P
   Bi-CMOS Integrated Circuit Silicon Monolithic
2021-11-15
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com