Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2938HQ Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part # TB2938HQ
Description  Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2938HQ Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button TB2938HQ Datasheet HTML 18Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 19Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 20Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 21Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 22Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 23Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 24Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 25Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 26Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
TB2938HQ
2011-11-08
22
17.5 Other Characteristic
VNO – Rg
ICCQ – VCC
Signal source resistance Rg ()
Supply voltage VCC (V)
VCC = 13.2 V
RL = 4 
f = 1 kHz
Filter
to 20 kHz
100
10
100 k
0
1 k
10 k
100
200
300
1ch~4ch
150
0
0
5
10
15
20
25
50
100
200
250
VIN = 0 V
RL = 


Similar Part No. - TB2938HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2931HQ TOSHIBA-TB2931HQ Datasheet
308Kb / 18P
   TB2931HQ CMOS
TB2932HQ TOSHIBA-TB2932HQ Datasheet
436Kb / 37P
   Maximum Power 49 W BTL 횞 4-ch Audio Power IC
TB2934HQ TOSHIBA-TB2934HQ Datasheet
464Kb / 39P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-06-14
TB2936HQ TOSHIBA-TB2936HQ Datasheet
477Kb / 20P
   49 W x 4-ch BTL Audio Power IC
TB2939HQ TOSHIBA-TB2939HQ Datasheet
362Kb / 18P
   45W × 4-ch BTL Audio Power IC
Rev-1.0 2009-01-21
More results

Similar Description - TB2938HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2996HQ TOSHIBA-TB2996HQ Datasheet
1Mb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB9053FTG TOSHIBA-TB9053FTG Datasheet
4Mb / 95P
   Bi-CMOS Linear Integrated Circuit, Silicon Monolithic
2022-08-29 Rev. 1.1
TB2941HQ TOSHIBA-TB2941HQ Datasheet
1,017Kb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB9051FTG TOSHIBA-TB9051FTG Datasheet
1Mb / 49P
   Toshiba Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Ver.1.1 2019-03-14
TB9101FNG TOSHIBA-TB9101FNG Datasheet
612Kb / 16P
   TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB9102FNG TOSHIBA-TB9102FNG Datasheet
1Mb / 30P
   TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB1239BF TOSHIBA-TB1239BF Datasheet
333Kb / 26P
   Bi-CMOS Integrated Circuit Silicon Monolithic
TB9120AFTG TOSHIBA-TB9120AFTG Datasheet
2Mb / 50P
   Bi-CMOS Integrated Circuit Silicon Monolithic
2020-05-12
TB9120AFTAG TOSHIBA-TB9120AFTAG Datasheet
2Mb / 46P
   Bi-CMOS Integrated Circuit Silicon Monolithic
2021-11-15
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com