Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2938HQ Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TB2938HQ
Description  Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2938HQ Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TB2938HQ Datasheet HTML 7Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 8Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 9Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 10Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 11Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 12Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 13Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 14Page - Toshiba Semiconductor TB2938HQ Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TB2938HQ
2011-11-08
11
IN1 to 4ch
R2=C1/C6 × Rg
10
16
Rg
C1
C6
10.2 Output Short Detection
In case of shorting output to VCC/GND or over voltage power supplied, NPN transistor is turned on.
In case of shorting output to output NPN Tr. is turned on and off in response to the input signal voltage.
10.3 Layer Short Detection
The TB2938HQ may be properly connected to a load such as a 4-
 speaker, but one of the speaker lines
may be shorted to ground through a low-impedance path. The TB2938HQ can detect such a condition.
As is the case with output DC offset detection, pin 25 is also activated when there is a short on one of the
speaker lines as shown above. The detection impedance is 4.5
 (typ.).
This feature allows detection of a short-circuit through a low-impedance path other than the speaker
impedance. It helps to avoid speaker damage in case of anomalous system conditions and improve system
reliability.
11. 6-V Cruising Functionality
The TB2938HQ can continually provide audio output even in the event of an abrupt battery voltage drop as
a result of reboot from idling stop mode. To reduce the turn-on pop, it is recommended to use a resistor of 2.2
k
 or less for Rg, a signal source resistor. Inserting a resistor of (C1 / C6  Rg) in series with C6 helps to
further reduce the pop.
When Rg > 2.2 k
, the amount of pop should be carefully verified in the end-use application environment.
Figure 10-2 Layer Short
Figure11-1 Vicinity of the Input Pins
VCC
IC
GND
out
out
SP
 4 
The negative (
) speaker connection is shorted to ground
through a low-impedance path due to some irregularities.


Similar Part No. - TB2938HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2931HQ TOSHIBA-TB2931HQ Datasheet
308Kb / 18P
   TB2931HQ CMOS
TB2932HQ TOSHIBA-TB2932HQ Datasheet
436Kb / 37P
   Maximum Power 49 W BTL 횞 4-ch Audio Power IC
TB2934HQ TOSHIBA-TB2934HQ Datasheet
464Kb / 39P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-06-14
TB2936HQ TOSHIBA-TB2936HQ Datasheet
477Kb / 20P
   49 W x 4-ch BTL Audio Power IC
TB2939HQ TOSHIBA-TB2939HQ Datasheet
362Kb / 18P
   45W × 4-ch BTL Audio Power IC
Rev-1.0 2009-01-21
More results

Similar Description - TB2938HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2996HQ TOSHIBA-TB2996HQ Datasheet
1Mb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB9053FTG TOSHIBA-TB9053FTG Datasheet
4Mb / 95P
   Bi-CMOS Linear Integrated Circuit, Silicon Monolithic
2022-08-29 Rev. 1.1
TB2941HQ TOSHIBA-TB2941HQ Datasheet
1,017Kb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB9051FTG TOSHIBA-TB9051FTG Datasheet
1Mb / 49P
   Toshiba Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Ver.1.1 2019-03-14
TB9101FNG TOSHIBA-TB9101FNG Datasheet
612Kb / 16P
   TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB9102FNG TOSHIBA-TB9102FNG Datasheet
1Mb / 30P
   TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB1239BF TOSHIBA-TB1239BF Datasheet
333Kb / 26P
   Bi-CMOS Integrated Circuit Silicon Monolithic
TB9120AFTG TOSHIBA-TB9120AFTG Datasheet
2Mb / 50P
   Bi-CMOS Integrated Circuit Silicon Monolithic
2020-05-12
TB9120AFTAG TOSHIBA-TB9120AFTAG Datasheet
2Mb / 46P
   Bi-CMOS Integrated Circuit Silicon Monolithic
2021-11-15
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com