Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C4D05120A Datasheet(PDF) 1 Page - Cree, Inc

Part No. C4D05120A
Description  Silicon Carbide Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4D05120A Datasheet(HTML) 1 Page - Cree, Inc

  C4D05120A Datasheet HTML 1Page - Cree, Inc C4D05120A Datasheet HTML 2Page - Cree, Inc C4D05120A Datasheet HTML 3Page - Cree, Inc C4D05120A Datasheet HTML 4Page - Cree, Inc C4D05120A Datasheet HTML 5Page - Cree, Inc C4D05120A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
C4D05120A Rev. A
C4D05120A
Silicon Carbide Schottky Diode
Z-Rec® RectifieR
Features
1.2kVSchottkyRectifier
ZeroReverseRecoveryCurrent
High-FrequencyOperation
Temperature-IndependentSwitching
ExtremelyFastSwitching
Benefits
ReplaceBipolarwithUnipolarRectifiers
EssentiallyNoSwitchingLosses
HigherEfficiency
ReductionofHeatSinkRequirements
ParallelDevicesWithoutThermalRunaway
Applications
SwitchModePowerSupplies
PowerFactorCorrection
MotorDrives
Package
TO-220-2
Maximum Ratings (T
C=25°Cunlessotherwisespecified)
Symbol
Parameter
Value
Unit
Test Conditions
Note
V
RRM
RepetitivePeakReverseVoltage
1200
V
V
RSM
SurgePeakReverseVoltage
1300
V
V
R
DCPeakReverseVoltage
1200
V
I
F
ContinuousForwardCurrent
17
8
5
A
T
C=25˚C
T
C=135˚C
T
C=157˚C
I
FRM
RepetitivePeakForwardSurgeCurrent
26
18
A
T
C=25˚C,tP=10ms,HalfSinePulse
T
C=110˚C,tP=10ms,HalfSinePulse
I
FSM
Non-RepetitiveForwardSurgeCurrent
46
36
A
T
C=25˚C,tP=10ms,HalfSinePulse
T
C=110˚C,tP=10ms,HalfSinePulse
I
F,Max
Non-RepetitivePeakForwardCurrent
400
320
A
T
C=25˚C,tP=10ms,Pulse
T
C=110˚C,tP=10ms,Pulse
P
tot
PowerDissipation
81
35
W
T
C=25˚C
T
C=110˚C
T
J
OperatingJunctionRange
-55 to
+175
˚C
T
stg
StorageTemperatureRange
-55 to
+135
˚C
TO-220MountingTorque
1
8.8
Nm
lbf-in
M3Screw
6-32Screw
Part Number
Package
Marking
C4D05120A
TO-220-2
C4D05120
PIN1
PIN2
CASE
V
RRM=
1200V
I
F (TC=135˚C)
= 8 A
Q
c
=
27nC


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn