Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C4D05120A Datasheet(PDF) 4 Page - Cree, Inc

Part No. C4D05120A
Description  Silicon Carbide Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4D05120A Datasheet(HTML) 4 Page - Cree, Inc

  C4D05120A Datasheet HTML 1Page - Cree, Inc C4D05120A Datasheet HTML 2Page - Cree, Inc C4D05120A Datasheet HTML 3Page - Cree, Inc C4D05120A Datasheet HTML 4Page - Cree, Inc C4D05120A Datasheet HTML 5Page - Cree, Inc C4D05120A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
C4D05120A Rev. A
6.0
8.0
10.0
12.0
14.0
0.0
2.0
4.0
0
200
400
600
800
1000
V
R Reverse Voltage (V)
Typical Performance
100
1000
10
1.E-05
1.E-04
1.E-03
1.E-02
tp(s)
1000
100
0
Figure7.TypicalCapacitanceStoredEnergy
Figure8.Non-repetitivepeakforwardsurgecurrent
versuspulseduration(sinusoidalwaveform)
t
p (s)
T
J =25°C
T
J=110°C
V
R (V)
14
12
10
8
6
4
2
0
02004006008001000
1E-051E-041E-031E-02
Figure9.TransientThermalImpedance
100E-3
1
0.5
0.3
0.1
0.05
0.02
0.01
SinglePulse
1E-3
10E-3
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
Time, tp (s)
0.01
T (Sec)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn