Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C4D05120A Datasheet(PDF) 2 Page - Cree, Inc

Part No. C4D05120A
Description  Silicon Carbide Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4D05120A Datasheet(HTML) 2 Page - Cree, Inc

  C4D05120A Datasheet HTML 1Page - Cree, Inc C4D05120A Datasheet HTML 2Page - Cree, Inc C4D05120A Datasheet HTML 3Page - Cree, Inc C4D05120A Datasheet HTML 4Page - Cree, Inc C4D05120A Datasheet HTML 5Page - Cree, Inc C4D05120A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
C4D05120A Rev. A
Electrical Characteristics
Symbol Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
ForwardVoltage
1.4
1.9
1.8
3
V
I
F = 5 A
T
J=25°C
I
F = 5 A
T
J=175°C
I
R
ReverseCurrent
20
40
150
300
μA
V
R=1200VTJ=25°C
V
R=1200VTJ=175°C
Q
C
TotalCapacitiveCharge
27
nC
V
R=800V,IF = 5A
di/dt=200A/μs
T
J=25°C
C
TotalCapacitance
390
27
20
pF
V
R=0V,TJ=25°C,f=1MHz
V
R=400V,TJ=25˚C,f=1MHz
V
R=800V,TJ=25˚C,f=1MHz
Note:
1. Thisisamajoritycarrierdiode,sothereisnoreverserecoverycharge.
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
R
θJC
ThermalResistancefromJunction
toCase
1.85
°C/W
Typical Performance
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
Voltage (V)
Figure1.ForwardCharacteristics
Figure2.ReverseCharacteristics
0
100
200
300
400
500
600
700
800
900
1000
0
500
1000
1500
2000
Voltage (V)
T
J=-55°C
T
J=25°C
T
J=75°C
T
J=125°C
T
J=175°C
T
J=-55°C
T
J=25°C
T
J=75°C
T
J=125°C
T
J=175°C
V
F (V)
V
R (V)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn