Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA168PA Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATMEGA168PA
Description  ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
Download  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA168PA Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATMEGA168PA_14 Datasheet HTML 16Page - ATMEL Corporation ATMEGA168PA_14 Datasheet HTML 17Page - ATMEL Corporation ATMEGA168PA_14 Datasheet HTML 18Page - ATMEL Corporation ATMEGA168PA_14 Datasheet HTML 19Page - ATMEL Corporation ATMEGA168PA_14 Datasheet HTML 20Page - ATMEL Corporation ATMEGA168PA_14 Datasheet HTML 21Page - ATMEL Corporation ATMEGA168PA_14 Datasheet HTML 22Page - ATMEL Corporation ATMEGA168PA_14 Datasheet HTML 23Page - ATMEL Corporation ATMEGA168PA_14 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 326 page
background image
ATmega48PA/88PA/168PA [DATASHEET]
9223F–AVR–04/14
20
8.6
Register Description
8.6.1
EEARH and EEARL – The EEPROM Address Register
• Bits 15:9] – Reserved
These bits are reserved bits in the Atmel® ATmega48PA/88PA/168PA and will always read as zero.
• Bits 8:0 – EEAR[8:0]: EEPROM Address
The EEPROM address registers – EEARH and EEARL specify the EEPROM address in the 256/512/512/1K bytes
EEPROM space. The EEPROM data bytes are addressed linearly between 0 and 255/511/511/1023. The initial value of
EEAR is undefined. A proper value must be written before the EEPROM may be accessed.
EEAR8 is an unused bit in the Atmel ATmega48PA and must always be written to zero.
8.6.2
EEDR – The EEPROM Data Register
• Bits 7:0 – EEDR[7:0]: EEPROM Data
For the EEPROM write operation, the EEDR register contains the data to be written to the EEPROM in the address given by
the EEAR register. For the EEPROM read operation, the EEDR contains the data read out from the EEPROM at the address
given by EEAR.
8.6.3
EECR – The EEPROM Control Register
• Bits 7:6 – Reserved
These bits are reserved bits in the Atmel ATmega48PA/88PA/168PA and will always read as zero.
• Bits 5, 4 – EEPM1 and EEPM0: EEPROM Programming Mode Bits
The EEPROM programming mode bit setting defines which programming action that will be triggered when writing EEPE. It
is possible to program data in one atomic operation (erase the old value and program the new value) or to split the erase and
write operations in two different operations. The programming times for the different modes are shown in Table 8-1.
While EEPE is set, any write to EEPMn will be ignored. During reset, the EEPMn bits will be reset to 0b00 unless the
EEPROM is busy programming.
Bit
1514
1312
11
10
9
8
0x22 (0x42)
––––
–––
EEAR8
EEARH
0x21 (0x41)
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
7654
3210
Read/Write
RRRR
RRR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
X
XX
XXXXX
X
Bit
765
43210
0x20 (0x40)
MSB
LSB
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
00000
Bit
7
654
3
2
1
0
0x1F (0x3F)
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
EECR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
X
X
0
0
X
0


Similar Part No. - ATMEGA168PA_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATMEGA168PA-AN MICROCHIP-ATMEGA168PA-AN Datasheet
33Mb / 662P
   High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
ATMEL Corporation
ATMEGA168PA-AN ATMEL-ATMEGA168PA-AN Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
logo
Microchip Technology
ATMEGA168PA-ANR MICROCHIP-ATMEGA168PA-ANR Datasheet
33Mb / 662P
   High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
ATMEL Corporation
ATMEGA168PA-ANR ATMEL-ATMEGA168PA-ANR Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
ATMEGA168PA-AU ATMEL-ATMEGA168PA-AU Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA168PA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168A ATMEL-ATMEGA168A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA88PA-PU ATMEL-ATMEGA88PA-PU Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
ATMEGA48PA-15MZ ATMEL-ATMEGA48PA-15MZ Datasheet
585Kb / 31P
   Atmel 8-bit Microcontroller with 4/8/16/32KBytes In-System Programmable Flash
ATMEGA48PB ATMEL-ATMEGA48PB_14 Datasheet
934Kb / 23P
   Atmel AVR 8-bit Microcontroller with 4/8/16KBytes
ATMEGA88PA ATMEL-ATMEGA88PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER
ATMEGA88A ATMEL-ATMEGA88A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com