Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-AD18 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3S-AD18
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD18 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3S-AD18 Datasheet HTML 6Page - Omron Electronics LLC E3S-AD18 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD18 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD18 Datasheet HTML 9Page - Omron Electronics LLC E3S-AD18 Datasheet HTML 10Page - Omron Electronics LLC E3S-AD18 Datasheet HTML 11Page - Omron Electronics LLC E3S-AD18 Datasheet HTML 12Page - Omron Electronics LLC E3S-AD18 Datasheet HTML 13Page - Omron Electronics LLC E3S-AD18 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
E3S-A
10
Safety Precautions
This product is not designed or rated for
ensuring safety of persons.
Do not use it for such purposes.
Do not use the product in atmospheres or environments that
exceed product ratings.
Mounting
Position of Optical Axis of Through-beam Model
Unlike conventional through-beam sensors, the E3S-A
Through-beam Photoelectric Sensor incorporates 2 lenses.
The lens actually in use is the one marked with an arrow
indicating the position of the optical axis. When using a Slit,
attach it to the lens marked with the arrow.
Tightening the Connector
Manually tighten the connector until the threads have
completely disappeared. If tightening is insufficient, the
degree of protection may not be maintained, or the connector
may become loose when it is subjected to vibration. Using
pliers to tighten the connector may damage it.
Use the E39-L60 Close Mounting Plate (provided) if the
Sensor is mounted using mounting brackets or if it is mounted
directly. (Refer to Dimensions.)
Mounting Bracket (Provided)
The direction of the optical axis coincides with the machine
axis of the E3S-A when the mounting screw is inserted into
the lock hole of the Mounting Bracket. If the mounting surface
and the screw hole are correctly aligned toward the sensing
object (or toward the Retroreflector for a Through-beam
Sensor), the mechanical axis and optical axis will be aligned
when the screw is inserted into the hole. Incident light will be
detected, and time-consuming adjustment will not be
necessary. (If, however, the mounting surface is not flat,
adjustment of the optical axis may still be required.)
Adjust the position of the Sensor so that incident light points
at the center. Make sure that the incident light is at a fixed
position.
The maximum tightening torque of the screw is 0.53 N
.m max.
● Adjustments
E39-S46 Through-beam Slits
(Accessory, order separately)
Use the rubber attachment with the metal cover if a slit width
of 2 mm is required. (A Slit is not required in this case.) Insert
the 0.5- or 1-mm Slit between the metal cover and rubber
attachment if a slit width of 0.5 or 1 mm is desired.
These Slits fit into the rubber attachment.
Apply the Slit to the lens of the Photoelectric Sensor marked
with an arrow indicating the position of the optical axis (apply
it to the bottom lens of Horizontal Sensors and the top lens of
Vertical Sensors).
WARNING
Precautions for Correct Use
Unused lens
Optical axis indicator arrow
Arrow indicating optical axis position
Lens actually in use (attach the Slit to this lens)
Position of Arrow Indicating Optical Axis
Model
Position of lens in use
E3S-A
(Vertical Sensors)
Top
E3S-A
(Horizontal
Sensors)
Bottom
Screw
Optical axis
Machine axis
Base of mounting
bracket
Bracket can move
in this direction
Optical axis lock hole (M3)
Arrow indicating
position of optical axis
2 mm
13.6 mm
11.1 mm
Metal cover
Slit (0.5 mm or 1 mm)
Rubber attachment
Indented portions
E3S-A


Similar Part No. - E3S-AD18

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD18 OMRON-E3S-AD18 Datasheet
231Kb / 18P
   General-Purpose Photoelectric Sensor
More results

Similar Description - E3S-AD18

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
Omron Electronics LLC
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com