Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA48A Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATMEGA48A
Description  ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48A Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATMEGA48A_14 Datasheet HTML 31Page - ATMEL Corporation ATMEGA48A_14 Datasheet HTML 32Page - ATMEL Corporation ATMEGA48A_14 Datasheet HTML 33Page - ATMEL Corporation ATMEGA48A_14 Datasheet HTML 34Page - ATMEL Corporation ATMEGA48A_14 Datasheet HTML 35Page - ATMEL Corporation ATMEGA48A_14 Datasheet HTML 36Page - ATMEL Corporation ATMEGA48A_14 Datasheet HTML 37Page - ATMEL Corporation ATMEGA48A_14 Datasheet HTML 38Page - ATMEL Corporation ATMEGA48A_14 Datasheet HTML 39Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
37
ATmega48A/PA/88A/PA/168A/PA/328/P [DATASHEET]
Atmel-8271IS-AVR- ATmega-Datasheet_10/2014
12.5
Rev. 8271E – 07/2012
12.6
Rev. 8271D – 05/11
12.7
Rev. 8271C – 08/10
12.8
Rev. 8271B – 04/10
1.
Updated Figure 1-1 on page 3. Overlined “RESET” in 28 MLF top view and in 32 MLF top view.
2.
Added EEAR9 bit to the ”EEARH and EEARL – The EEPROM Address Register” on page 22 and updated the all bit
descriptions accordingly.
3.
Added a footnote “EEAR9 and EEAR8 are unused bits in ATmega48A/48PA and must always be written to zero” to
”EEARH and EEARL – The EEPROM Address Register” on page 22.
4.
Updated Table 18-8 on page 155, “Waveform Generation Mode Bit Description” . WGM2, WGM1 and WGM0
changed to WGM22, WGM21 and WGM20 respectively.
5.
Updated ”TCCR2B – Timer/Counter Control Register B” on page 156. bit 2 (CS22) and bit 3 (WGM22) changed
from R (read only) to R/W (read/write).
6.
Updated the definition of fosc on page 172. fosc is the system clock frequency (not XTAL pin frequency)
7.
Updated ”SPMCSR – Store Program Memory Control and Status Register” on page 261. Bit 0 renamed SPMEN
and added bit 5 “SIGRD”.
8.
Replaced “SELFPRGEN” by “SPMEN” throughout the whole datasheet including in the “code examples”, except in
”Program And Data Memory Lock Bits” on page 280 and in ”Fuse Bits” on page 281.
9.
Updated ”Register Summary” on page 9 to include the bits: SIGRD and SPMEN in the SMPCSR register.
10.
Updated the Table 30-1 on page 313. Removed the footnote.
11.
Updated the footnote of the Table 29-13 on page 306. Removed the footnote “Note 2”.
12.
Updated ”Errata” on page 29. Added “Errata” TWI Data setup time can be too short.
1.
Added Atmel QTouch Sensing Capability Feature
2.
Updated ”Register Description” on page 91 with PINxn as R/W.
3.
Added a footnote to the PINxn, page 91.
4.
Updated “Ordering Information”,”ATmega328” on page 22. Added “ATmega328-MMH” and “ATmega328-MMHR”.
5.
Updated “Ordering Information”,”ATmega328P” on page 23. Added “ATmega328P-MMH” and “ATmega328P-
MMHR”.
6.
Added “Ordering Information” for ATmega48PA/88PA/168PA/328P @ 105
C
7.
Updated ”Errata ATmega328” on page 33 and ”Errata ATmega328P” on page 34
8.
Updated the datasheet according to the Atmel new brand style guide.
1.
Added 32UFBGA Pinout, Table 1-1 on page 3.
2.
Updated the “SRAM Data Memory”, Figure 8-3 on page 19.
3.
Updated ”Ordering Information” on page 16 with CCU and CCUR code related to “32CC1” Package drawing.
4.
“32CC1” Package drawing added ”Packaging Information” on page 24.
1.
Updated Table 9-8 with correct value for timer oscillator at xtal2/tos2
2.
Corrected use of SBIS instructions in assembly code examples.
3.
Corrected BOD and BODSE bits to R/W in Section 10.11.2 on page 45, Section 12.5 on page 68 and Section 14.4
on page 91
4.
Figures for bandgap characterization added, Figure 31-34 on page 335, Figure 31-81 on page 360, Figure 31-128
on page 385, Figure 31-176 on page 411, Figure 31-223 on page 435, Figure 31-271 on page 461, Figure 31-318
on page 485 and Figure 31-365 on page 510.
5.
Updated ”Packaging Information” on page 24 by replacing 28M1 with a correct corresponding package.


Similar Part No. - ATMEGA48A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_10 Datasheet
592Kb / 33P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_11 Datasheet
495Kb / 35P
   8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA48A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA168A ATMEL-ATMEGA168A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA88PA-PU ATMEL-ATMEGA88PA-PU Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
ATMEGA48PA-15MZ ATMEL-ATMEGA48PA-15MZ Datasheet
585Kb / 31P
   Atmel 8-bit Microcontroller with 4/8/16/32KBytes In-System Programmable Flash
ATMEGA48PB ATMEL-ATMEGA48PB_14 Datasheet
934Kb / 23P
   Atmel AVR 8-bit Microcontroller with 4/8/16KBytes
ATMEGA88PA ATMEL-ATMEGA88PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER
ATMEGA88A ATMEL-ATMEGA88A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com