Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-AT86 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3S-AT86
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AT86 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3S-AT86 Datasheet HTML 5Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 6Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 7Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 8Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 9Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 10Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 11Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 12Page - Omron Electronics LLC E3S-AT86 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
E3S-A
Structure of Sensor I/O Connector
Adjustment Methods
Sensitivity Adjustment for Diffuse-reflective Sensors Set to Light ON
Unlike conventional Photoelectric Sensors, the variation in the sensitivity of E3S-A Photoelectric Sensors is minimal. This means
the sensitivity can be adjusted on only a single Photoelectric Sensor, and then the adjusters on the other Photoelectric Sensors
can be set to the same scale position. There is no need to adjust the sensitivity of each Photoelectric Sensor individually.
E3S-AR41
E3S-AR91
Light-ON
L Side
(LIGHT ON)
Retro-reflective Sensors
Dark-ON
D Side
(DARK ON)
Item
Sensing condition
Sensitivity adjuster
Indicators
Procedure
1) Position A
Locate a sensing object at the sensing
distance, set the sensitivity adjuster to
the minimum scale position, and
gradually increase sensitivity by turning
the sensitivity adjuster clockwise until the
incident light indicator (red LED) is ON.
Position A is where the indicator has
turned ON.
2) Position B
Position B is when the sensing object is
removed and the sensitivity adjuster is
turned clockwise until the incident light
indicator (red LED) is ON. Position C is
where the adjuster is turned
counterclockwise (reducing the
sensitivity) from position B until the
incident light indicator (red LED) is OFF.
When there are no background objects,
the maximum sensitivity is position C.
3) Setting
---
Set the sensitivity adjuster to halfway
between (A) and (C) (at the optimum
sensitivity). Check that the stability
indicator (green LED) turns ON
according to whether the sensing object
is there or not. There is not sufficient
margin if it does not turn ON. If this is the
case, reconsider the detection method.
Model
Operation
mode
Timing charts
Mode
selector
switch
Output circuit
T
T: OFF-delay timer (0 to 100 ms)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(red)
(Between blue and black)
Output
transistor
Load
(e.g., relay)
4.4 K
(External
diagnostic input)
(Self-diagnostic
output)
ZD
Light
indica-
tor
Stability
indicator
(green)
Photo-
electric
Sensor
main
circuit
Load
(relay)
Brown
Blue
Black
(Control
output)
100 mA max.
10 to
30 VDC
(red)
Load
(relay)
Orange
50 mA
max.
Pink
ZD
T
T: OFF-delay timer (0 to 100 ms)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(red)
(Between brown and black)
Output
transistor
Load
(e.g., relay)
2
4
1
3
1
2
3
4
Terminal No.
XS2F-D421-DC0-F
Brown
Blue
Black
Note: Pin 2 is not used.
Classification
Wire color
Connection Pin No.
Application
For DC
Brown
1
+V
---
2
---
Blue
3
0 V
Black
4
Output
Photoelectric
Sensor
Sensing object
Backg-
round
object
Min.
Max.
(A)
Stability
indicator
(green)
Light
indicator
(red)
ON
→ OFF
OFF
→ ON
Photoelectric
Sensor
Sensing object
Backg-
round
object
Min.
Max.
(B)
(C)
ON
→ OFF
ON
→ OFF
Stability
indicator
(green)
Light
indicator
(red)
Min.
Max.
(C)
(A)
ON
ON
→ OFF
Stability
indicator
(green)
Light
indicator
(red)


Similar Part No. - E3S-AT86

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AT86 OMRON-E3S-AT86 Datasheet
231Kb / 18P
   General-Purpose Photoelectric Sensor
More results

Similar Description - E3S-AT86

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
Omron Electronics LLC
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com