Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT313HQ-T Datasheet(PDF) 43 Page - Future Technology Devices International Ltd.

Part # FT313HQ-T
Description  Single chip USB2.0 Hi-Speed compatible
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-T Datasheet(HTML) 43 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-T Datasheet HTML 39Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 40Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 41Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 42Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 43Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 44Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 45Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 46Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 47Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
43
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Input level for high speed
Vhscm
Voltage of high speed
data signal in the
common mode
-50
-
500
mV
-
Vhssq
High speed squelch
detection threshold
-
-
100
mV
Squelch is
detected
150
-
-
mV
Squelch is not
detected
Vhsdsc
High speed
disconnection
detection threshold
625
-
-
mV
Disconnection is
detected
-
-
525
mV
Disconnection is
not detected
Output level for high speed
Vhsoi
High speed idle output
voltage (Differential)
-10
-
10
mV
-
Vhsol
High speed low level
output voltage
(Differential)
-10
-
10
mV
-
Vhsoh
High speed high level
output voltage
(Differential)
-360
-
400
mV
-
Vchirpj
Chirp-J output voltage
(Differential)
700
-
1100
mV
-
Vchirpk
Chirp-K output
voltage (Differential)
-900
-
-500
mV
-
Input level for full speed and low speed
Vdi
Differential input
voltage sensitivity
0.2
-
-
V
|Vdp-Vdm|
Vcm
Differential common
mode voltage
0.8
-
2.5
V
-
Vse
Single ended receiver
threshold
0.8
-
2.0
V
-
Output level for full speed and low speed
Vol
Low level output
voltage
0
-
0.3
V
-
Voh
High level output
voltage
2.8
-
3.6
V
-
Resistance


Similar Part No. - FT313HQ-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
More results

Similar Description - FT313HQ-T

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-PER-M17 AAEON-TF-PER-M17 Datasheet
146Kb / 1P
   Hi-Speed USB2.0 Standard
logo
ON Semiconductor
FSUSB40 ONSEMI-FSUSB40 Datasheet
653Kb / 12P
   Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
FSUSB104 ONSEMI-FSUSB104 Datasheet
230Kb / 9P
   Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
November-2017, Rev. 2
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB45 FAIRCHILD-FSUSB45 Datasheet
444Kb / 2P
   Hi-Speed USB2.0 (480Mbps) Switch with Dedicated Charger Port Detect
FSUSB42 FAIRCHILD-FSUSB42_12 Datasheet
723Kb / 10P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com