Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-AR71 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3S-AR71
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AR71 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3S-AR71 Datasheet HTML 3Page - Omron Electronics LLC E3S-AR71 Datasheet HTML 4Page - Omron Electronics LLC E3S-AR71 Datasheet HTML 5Page - Omron Electronics LLC E3S-AR71 Datasheet HTML 6Page - Omron Electronics LLC E3S-AR71 Datasheet HTML 7Page - Omron Electronics LLC E3S-AR71 Datasheet HTML 8Page - Omron Electronics LLC E3S-AR71 Datasheet HTML 9Page - Omron Electronics LLC E3S-AR71 Datasheet HTML 10Page - Omron Electronics LLC E3S-AR71 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
E3S-A
* Models numbers for Through-beam Sensors (E3S-AT
@1) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3S-AT21-L 2M), the model number of the Receiver, by adding "-
D" (example: E3S-AT21-D 2M). Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
Structure of Sensor I/O Connector
E3S-AT21 *
E3S-AT71 *
E3S-AD21
E3S-AD71
E3S-AD22
E3S-AD72
E3S-AD23
E3S-AD73
Light-ON
L Side
(LIGHT ON)
Through-beam Receivers, Diffuse-reflective Sensors
Dark-ON
D Side
(DARK ON)
---
---
Through-beam Emitters
E3S-AR21
E3S-AR71
Light-ON
L Side
(LIGHT ON)
Retro-reflective Sensors
Dark-ON
D Side
(DARK ON)
Model
Operation
mode
Timing charts
Mode
selector
switch
Output circuit
T
T: OFF-delay timer (0 to 100 ms)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(red)
(Between brown and black)
Output
transistor
Load
(e.g., relay)
(Self-diagnostic
output)
ZD
ZD
Light
indica-
tor
Stability
indicator
(green)
Photo-
electric
Sensor
main
circuit
Load
(relay)
Brown
Blue
Black
(Control
output)
100 mA max.
10 to
30 VDC
(red)
Load
(relay)
Orange
50 mA max.
T
T: OFF-delay timer (0 to 100 ms)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(red)
(Between brown and black)
Output
transistor
Load
(e.g., relay)
External
diagnostic
input
Emitter LED
Indicator
(red)
ON
OFF
ON
OFF
ON
OFF
(Between blue and pink)
0 V
(External
diagnostic input)
Power indicator
(red)
Photo-
electric
Sensor
main
circuit
Brown
Blue
10 to 30 VDC
Pink
T
T: OFF-delay timer (0 to 100 ms)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(red)
(Between brown and black)
Output
transistor
Load
(e.g., relay)
12 K
(External
diagnostic input)
(Self-diagnostic
output)
ZD
Light
indica-
tor
Stability
indicator
(green)
Photo-
electric
Sensor
main
circuit
Load
(relay)
Brown
Blue
Black
(Control
output)
100 mA max.
10 to
30 VDC
(red)
Load
(relay)
Orange
50 mA max.
ZD
Pink
T
T: OFF-delay timer (0 to 100 ms)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
Light indicator
(red)
(Between brown and black)
Output
transistor
Load
(e.g., relay)
2
4
1
3
1
2
3
4
Terminal No.
XS2F-D421-DC0-F
Brown
Blue
Black
Note: Pin No. 2 is not used.
Classification
Wire color
Connection Pin No.
Application
For DC
Brown
1
+V
---
2
---
Blue
3
0 V
Black
4
Output


Similar Part No. - E3S-AR71

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AR71 OMRON-E3S-AR71 Datasheet
231Kb / 18P
   General-Purpose Photoelectric Sensor
More results

Similar Description - E3S-AR71

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
Omron Electronics LLC
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com