Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMP-S100 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. HLMP-S100
Description  2 mm x 5 mm Rectangular LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-S100 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-S100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-S100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-S100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-S100 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1-155
Figure 1. Relative Intensity vs. Wavelength.
Notes:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas
and
ηv is the luminous efficacy in lumens/watt.
4. Please refer to Application Note 1061 for information comparing standard green and emerald green light output degradation.
Sym.
Description
Device HLMP-
Min. Typ.
Max.
Units
Test Conditions
η
V
Luminous
AlGaAs Red
80
Efficacy
High Efficiency Red
145
Orange
380
lumens/
See Note 3
Yellow
500
watt
Green
595
Emerald Green
656
Electrical/Optical Characteristics at TA = 25°C (cont’d)
Green/
AlGaAs
High Efficiency
Emerald
Parameter
Red
Red/Orange
Yellow
Green
Units
Peak Forward Current
300
90
60
90
mA
Average Forward Current[1]
20
25
20
25
mA
DC Current[2]
30
30
20
30
mA
Transient Forward Current[3]
500
mA
(10
µsec Pulse)
LED Junction Temperature
110
110
110
110
°C
Operating Temperature Range
-20 to +100
-20 to +100
-55 to +100
-55 to +100
°C
Storage Temperature Range
-55 to +100
-55 to +100
Lead Soldering Temperature
[1.6 mm (0.063 in.) below
260
°C for 5 seconds
seating plane]
Notes:
1. See Figure 5 to establish pulsed operating conditions.
2. For AlGaAs Red, Red, Orange, and Green series derate linearly from 50
°C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at
0.34 mA/
°C.
3. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED
die and wire bond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the
Absolute Maximum Ratings.
Absolute Maximum Ratings at TA = 25°C
ORANGE
AlGaAs RED
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
EMERALD GREEN
HIGH
PERFORMANCE
GREEN
T = 25
° C
A


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BL-R1138A STANDARD LED LAMPS RECTANGULAR TYPES 1  2  Yellow Stone Corp
LEF-C5002T FULL COLOR LED LAMPS 1  List of Unclassifed Manufacturers
AND190CRP Ultra Bright LED Lamps GaAlAs Red Light Emission T-3 Package 10 mm 1  2  List of Unclassifed Manufacturers
AP3216SGC 3.2x1.6mm SMD CHIP LED LAMPS 1  2  3  4  5  Kingbright Corporation
AM23SRD-F SOT-23 SURFACE MOUNT LED LAMPS 1  2  3  4  Kingbright Corporation
SEL4025 2x4 Rectangular LED 1  Sanken electric
L161 OVAL TWO CHIPS IN SERIES LED LAMPS 1  2  3  4  Kingbright Corporation
SEL4026 2x4 Rectangular LED Direct Mount 1  Sanken electric
L-424 T-1 3mm CYLINDRICAL LED LAMPS 1  2  3  4  5  More Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn