Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMP-J100 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. HLMP-J100
Description  T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMP-J100 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1-125
Absolute Maximum Ratings
Peak Forward Current[2] ............................................................ 300 mA
Average Forward Current (@ IPEAK = 300 mA)[1,2] ...................... 30 mA
DC Forward Current[3] ................................................................. 50 mA
Power Dissipation ..................................................................... 100 mW
Reverse Voltage (IR = 100 µA) ......................................................... 5 V
Transient Forward Current (10
µs Pulse)[4] ............................... 500 mA
Operating Temperature Range ........................................ -55 to +100
°C
Storage Temperature Range ........................................... -55 to +100
°C
LED Junction Temperature ........................................................... 110
°C
Solder Temperature ................................................ 260
°C for 5 seconds
[1.6 mm (0.063 in.) from body]
Notes:
1. Maximum IAVG at f = 1 kHz, DF = 10%.
2. Refer to Figure 6 to establish pulsed operating conditions.
3. Derate linearly as shown in Figure 5.
4. The transient peak current is the maximum non-recurring peak current the device can
withstand without damaging the LED die and wire bonds. It is not recommended that
the device be operated at peak currents above the Absolute Maximum Peak Forward
Current.
Optical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Part
Intensity
Total Flux
Peak
ZDominant
Angle
Luminous
Number
IV (mcd)
φ
v (mlm)
Wavelength
Wavelength
2
θ1/2
Efficacy
(Low
@ 0.5 mA[1]
@ 0.5 mA[2]
λ
PEAK (nm)
λ
d
[3] (nm)
(Degrees)[4]
η
v
Current)
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
(lm/w)
HLMP-J155
2.1
6.0
37.2
654
644
45
85
HLMP-J150
1.3
3.0
654
644
55
85
Notes:
1. The luminous intensity, IV, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern
may not be aligned with this axis.
2.
φ
V is total luminous flux output as measured with an integrating sphere.
3. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
4.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
Optical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Intensity
Total Flux
Peak
Dominant
Angle
Luminous
IV (mcd)
φ
v (mlm)
Wavelength
Wavelength
2
θ1/2
Efficacy
Part
@ 20 mA[1]
@ 20 mA[2]
λ
PEAK (nm)
λ
d
[3] (nm)
(Degrees)[4]
η
v
Number
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
(lm/w)
HLMP-J105
56.4
340
280
654
644
45
85
HLMP-J100
35.2
175
654
644
55
85


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn