Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMP-J100 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HLMP-J100
Description  T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMP-J100 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1-124
H
Features
• High Light Output over a
Wide Range of Currents
(500
µA to 50 mA)
• Popular T-1 Package
• Low Forward Voltage
• Low Power Dissipation
• Deep Red Color
• Long Life: Solid State
Reliability
• Wide Viewing Angles
• Available on Tape and Reel
Applications
• Outdoor Message Boards
• Automotive Lighting
• Portable Equipment
• Safety Lighting Equipment
• Medical Equipment
• Changeable Message Signs
Package Dimensions
T-1 (3 mm) High Performance
TS AlGaAs Red LED Lamps
Technical Data
3.18 (0.125)
2.67 (0.105)
25.40 (1.00)
MIN.
1.27 (0.050)
NOM.
1.02 (0.040)
NOM.
6.35 (0.250)
5.58 (0.220)
0.45 (0.018)
SQUARE
NOMINAL
CATHODE
2.54 (0.100)
NOM.
4.70 (0.185)
4.19 (0.165)
3.43 (0.135)
2.92 (0.115)
ANODE
HLMP-J100
HLMP-J105
HLMP-J150
HLMP-J155
5964-9372E
Description
The T-1 solid state lamps utilize a
highly optimized LED material
technology, transparent substrate
aluminum gallium arsenide (TS
AlGaAs). This LED technology
has a very high luminous
efficiency, capable of producing
high light output over a wide
range of drive currents (500
µA to
50 mA). The color is deep red at a
dominant wavelength of 644 nm.
TS AlGaAs is a flip-chip LED
technology, die attached to the
anode lead and wire bonded to
the cathode lead.
Device Selection Guide
Viewing
Typical
Typical
Angle
Deep Red
IV (mcd)
IV (mcd)
Package Description
2
θ1/2
λ
d = 644 nm
IF = 20 mA
IF = 0.5 mA
T-1 (3 mm), Untinted,
45
°
HLMP-J105
340
Non-diffused, Standard Current
T-1 (3 mm), Untinted,
45
°
HLMP-J155
6
Non-diffused, Low Current
T-1 (3 mm), Tinted, Diffused,
55
°
HLMP-J100
175
Standard Current
T-1, (3 mm), Tinted, Diffused,
55
°
HLMP-J150
3
Low Current


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn