Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-V500 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-V500
Description  T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-V500 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-V500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-V500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-V500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-V500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-V500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-V500 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1-57
Absolute Maximum Ratings at TA = 25°C
Parameter
HLMA-VL00
HLMA-VH00
HLMP-V100
HLMP-V500
Units
DC Forward Current[1,3]
60[4,5]
60[4,5]
60
50
mA
Peak Forward Current[2,3]
400
400
600
180
mA
Average Input Power[2]
120
120
120
110
mW
Reverse Voltage (IR = 200 µA)
5
555
V
Operating Temperature Range
-40 to +100
-40 to +100
-55 to +85
-20 to +100
°C
Storage Temperature Range
-55 to +100
-55 to +100
-55 to +100
-55 to +100
°C
Junction Temperature
110
°C
Soldering Temperature
260
°C for 5 seconds
[1.59 mm (0.06 in.) below
seating plane]
Notes:
1. Derate linearly as shown in Figure 5.
2. Any pulsed operation cannot exceed the Absolute Max Peak Forward Current or the Max Allowable Average Power as specified in
Figure 6.
3. Specified with both die powered simultaneously.
4. Drive Currents between 10 mA and 30 mA are recommended for best long term performance.
5. Operation at currents below 10 mA is not recommended, please contact your Hewlett-Packard sales representative.
Forward
Reverse
Capacitance
Speed of Response
Voltage
Breakdown
C (pF)
Thermal
τ
s (ns)
VF (Volts)
VR (Volts)
VF = 0,
Resistance
Time Constant
@ IF = 40 mA
@ IR = 200 µA
f = 1 MHz
R
θ
J-PIN
e-t/τs
Part Number
Typ.
Max.
Min.
Typ.
(
°C/W)
Typ.
HLMA-VL00
1.90
2.4
5
120
100
13
HLMA-VH00
1.90
2.4
5
120
100
13
HLMP-V100
1.85
2.4
5
50
115
26
HLMP-V500
2.20
3.0
5
20
100
171
Electrical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Intensity
Peak
Dominant
Angle
Luminous
IV (mcd)
Wavelength
Wavelength
2
θ1/2
Efficacy
@ 40 mA[1]
λ
peak (nm)
λ
d
[2] (nm)
Degrees[3]
η
V
Part Number
Min.
Typ.
Typ.
Typ.
Typ.
(lm/w)
HLMA-VL00
212
460
592
590
60
° horizontal
480
30
° vertical
HLMA-VH00
200
460
621
615
263
HLMP-V100
500
1000
654
644
60
° horizontal
85
30
° vertical
HLMP-V500
112
270
568
570
60
° horizontal
595
30
° vertical
Notes:
1. The luminous intensity, IV, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern
may not be aligned with this axis.
2. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3. 2
θ
1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.
Optical Characteristics at TA = 25°C


Similar Part No. - HLMP-V500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Similar Description - HLMP-V500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
TT Electronics.
OVLEW3CB6 TTELEC-OVLEW3CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
logo
OPTEK Technologies
OVLEW5CB6 OPTEK-OVLEW5CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
OPTEK Technologies
OVLEW3CB6 OPTEK-OVLEW3CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
logo
TT Electronics.
OVLEW5CB6 TTELEC-OVLEW5CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com