Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-V100 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-V100
Description  T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-V100 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-V100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-V100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-V100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-V100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-V100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-V100 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1-56
T-13/4 (5 mm), Wide Viewing
Angle, High Intensity LED
Lamps
Technical Data
Features
• Outstanding LED Material
Efficiency
• Extremely Wide Horizontal
Viewing Angle
• High Light Output over a
Wide Range of Currents
• Untinted, Non-diffused Lens
• Choice of Four Colors: 644
nm Red, 590 nm Amber, 570
nm Green, and 615 nm
Orange
H
Description
These high intensity LED lamps
provide the user with an
extremely wide 60
° (horizontal)
by 30
° (vertical) oval shaped
radiation pattern. Available in TS
AlGaAs red, AlInGaP amber,
AlInGaP orange, and GaP green
colors, these untinted non-
diffused T-13/4 (5 mm) LEDs are
an excellent choice for outdoor
applications requiring an
extremely wide field of vision and
high brightness.
Applications
• Outdoor Message Boards
• Safety Lighting Equipment
• Changeable Message Signs
• Alternative to Incandescent
Lamps
Device Selection Guide
Amber
Red-Orange
Red
Green
λ
d = 590 nm
λ
d = 615 nm
λ
d = 644 nm
λ
d = 570 nm
HLMA-VL00
HLMA-VH00
HLMP-V100
HLMP-V500
Outline Drawing
13.97
± 0.76
(0.550
± 0.030)
NOTE 1
1.02
(0.040)
MAX
0.51
(0.020)
SQUARE
NOMINAL
2.54
± 0.25
(0.100
± 0.010)
2.54
± 0.25
(0.100
± 0.010)
2.54
± .025
(0.100
± 0.010)
8.71
± 0.38
(0.343
± 0.015)
MIN
20.32
(0.800)
5.59
± 0.25
(0.220
± 0.010)
5.08
± 0.25
(0.200
± 0.010)
HLMA-VL00
HLMP-V100
HLMP-V500
HLMA-VH00
NOTES:
1. LEAD ORIENTATION:
DEVICE TYPE
HLMP-V100
HLMP-V500
HLMA-VL00
HLMA-VH00
2. ALL DIMENSIONS ARE IN MM (INCHES).
CENTER LEAD
COMMON ANODE
COMMON CATHODE
COMMON CATHODE
COMMON CATHODE
OUTER LEADS
CATHODE
ANODE
ANODE
ANODE
2.54 ± 0.76
(0.100 ± 0.030)
5964-9292E


Similar Part No. - HLMP-V100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Similar Description - HLMP-V100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
TT Electronics.
OVLEW3CB6 TTELEC-OVLEW3CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
logo
OPTEK Technologies
OVLEW5CB6 OPTEK-OVLEW5CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
OPTEK Technologies
OVLEW3CB6 OPTEK-OVLEW3CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
logo
TT Electronics.
OVLEW5CB6 TTELEC-OVLEW5CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com