Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HLMA-VH00 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. HLMA-VH00
Description  T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-VH00 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1-57
Absolute Maximum Ratings at TA = 25°C
Parameter
HLMA-VL00
HLMA-VH00
HLMP-V100
HLMP-V500
Units
DC Forward Current[1,3]
60[4,5]
60[4,5]
60
50
mA
Peak Forward Current[2,3]
400
400
600
180
mA
Average Input Power[2]
120
120
120
110
mW
Reverse Voltage (IR = 200 µA)
5
555
V
Operating Temperature Range
-40 to +100
-40 to +100
-55 to +85
-20 to +100
°C
Storage Temperature Range
-55 to +100
-55 to +100
-55 to +100
-55 to +100
°C
Junction Temperature
110
°C
Soldering Temperature
260
°C for 5 seconds
[1.59 mm (0.06 in.) below
seating plane]
Notes:
1. Derate linearly as shown in Figure 5.
2. Any pulsed operation cannot exceed the Absolute Max Peak Forward Current or the Max Allowable Average Power as specified in
Figure 6.
3. Specified with both die powered simultaneously.
4. Drive Currents between 10 mA and 30 mA are recommended for best long term performance.
5. Operation at currents below 10 mA is not recommended, please contact your Hewlett-Packard sales representative.
Forward
Reverse
Capacitance
Speed of Response
Voltage
Breakdown
C (pF)
Thermal
τ
s (ns)
VF (Volts)
VR (Volts)
VF = 0,
Resistance
Time Constant
@ IF = 40 mA
@ IR = 200 µA
f = 1 MHz
R
θ
J-PIN
e-t/τs
Part Number
Typ.
Max.
Min.
Typ.
(
°C/W)
Typ.
HLMA-VL00
1.90
2.4
5
120
100
13
HLMA-VH00
1.90
2.4
5
120
100
13
HLMP-V100
1.85
2.4
5
50
115
26
HLMP-V500
2.20
3.0
5
20
100
171
Electrical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Intensity
Peak
Dominant
Angle
Luminous
IV (mcd)
Wavelength
Wavelength
2
θ1/2
Efficacy
@ 40 mA[1]
λ
peak (nm)
λ
d
[2] (nm)
Degrees[3]
η
V
Part Number
Min.
Typ.
Typ.
Typ.
Typ.
(lm/w)
HLMA-VL00
212
460
592
590
60
° horizontal
480
30
° vertical
HLMA-VH00
200
460
621
615
263
HLMP-V100
500
1000
654
644
60
° horizontal
85
30
° vertical
HLMP-V500
112
270
568
570
60
° horizontal
595
30
° vertical
Notes:
1. The luminous intensity, IV, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern
may not be aligned with this axis.
2. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3. 2
θ
1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.
Optical Characteristics at TA = 25°C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn