Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HLMA-VH00 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HLMA-VH00
Description  T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-VH00 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1-56
T-13/4 (5 mm), Wide Viewing
Angle, High Intensity LED
Lamps
Technical Data
Features
• Outstanding LED Material
Efficiency
• Extremely Wide Horizontal
Viewing Angle
• High Light Output over a
Wide Range of Currents
• Untinted, Non-diffused Lens
• Choice of Four Colors: 644
nm Red, 590 nm Amber, 570
nm Green, and 615 nm
Orange
H
Description
These high intensity LED lamps
provide the user with an
extremely wide 60
° (horizontal)
by 30
° (vertical) oval shaped
radiation pattern. Available in TS
AlGaAs red, AlInGaP amber,
AlInGaP orange, and GaP green
colors, these untinted non-
diffused T-13/4 (5 mm) LEDs are
an excellent choice for outdoor
applications requiring an
extremely wide field of vision and
high brightness.
Applications
• Outdoor Message Boards
• Safety Lighting Equipment
• Changeable Message Signs
• Alternative to Incandescent
Lamps
Device Selection Guide
Amber
Red-Orange
Red
Green
λ
d = 590 nm
λ
d = 615 nm
λ
d = 644 nm
λ
d = 570 nm
HLMA-VL00
HLMA-VH00
HLMP-V100
HLMP-V500
Outline Drawing
13.97
± 0.76
(0.550
± 0.030)
NOTE 1
1.02
(0.040)
MAX
0.51
(0.020)
SQUARE
NOMINAL
2.54
± 0.25
(0.100
± 0.010)
2.54
± 0.25
(0.100
± 0.010)
2.54
± .025
(0.100
± 0.010)
8.71
± 0.38
(0.343
± 0.015)
MIN
20.32
(0.800)
5.59
± 0.25
(0.220
± 0.010)
5.08
± 0.25
(0.200
± 0.010)
HLMA-VL00
HLMP-V100
HLMP-V500
HLMA-VH00
NOTES:
1. LEAD ORIENTATION:
DEVICE TYPE
HLMP-V100
HLMP-V500
HLMA-VL00
HLMA-VH00
2. ALL DIMENSIONS ARE IN MM (INCHES).
CENTER LEAD
COMMON ANODE
COMMON CATHODE
COMMON CATHODE
COMMON CATHODE
OUTER LEADS
CATHODE
ANODE
ANODE
ANODE
2.54 ± 0.76
(0.100 ± 0.030)
5964-9292E


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn