Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HLMA-VH00 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HLMA-VH00
Description  T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-VH00 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1-59
Figure 7b. Relative Intensity vs. Angle, HLMA-VL00/VH00 Vertical Axis.
ANGULAR DISPLACEMENT (DEGREES)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
80
60
0
-20
-40
-60
-80
-100
100
40
20
50
40
30
20
10
0
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE – °C
60
70
R
θ
JA= 350° C/W
R
θ
JA= 480° C/W
100
80
60
40
20
0
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE – °C
120
140
R
θ
JA= 350° C/W
R
θ
JA= 480° C/W
f
≥ 100 Hz
100
80
60
40
20
0
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE – °C
120
140
85
R
θ
JA= 350° C/W
R
θ
JA= 480° C/W
f
≥ 100 Hz
Figure 6a. Maximum Allowable
Average Power vs. Ambient
Temperature, HLMA-VL00/VH00.
Figure 6b. Maximum Allowable
Average Power vs. Ambient
Temperature, HLMP-V100.
Figure 5c. Maximum Forward DC
Current vs. Ambient Temperature,
HLMP-V500.
100
80
60
40
20
0
0
20
40
60
80
100
TA – AMBIENT TEMPERATURE – °C
120
140
R
θ
JA= 350° C/W
R
θ
JA= 480° C/W
f
≥ 100 Hz
ANGULAR DISPLACEMENT (DEGREES)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
80
60
0
-20
-40
-60
-80
-100
100
40
20
Figure 6c. Maximum Allowable
Average Power vs. Ambient
Temperature, HLMP-V500.
Figure 7a. Relative Intensity vs. Angle, HLMA-VL00/VH00 Horizontal Axis.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn