Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-PH00 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. HLMA-PH00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-PH00 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1-163
Absolute Maximum Ratings at TA = 25°C
HLMA-QL00/QH00/PL00/PH00
Peak Forward Current[2] ........................................................... 200 mA
Average Forward Current (IPEAK = 200 mA)[1,2] ......................... 45 mA
DC Forward Current[3,5,6] ........................................................... 50 mA
Power Dissipation .................................................................... 105 mW
HLMT-QL00/QH00/PL00/PH00
Peak Forward Current[2] ........................................................... 100 mA
Average Forward Current (IPEAK = 100 mA)[1,2] ......................... 37 mA
DC Forward Current[3,5,6] ........................................................... 50 mA
Power Dissipation .................................................................... 120 mW
All Devices
Reverse Voltage (IR = 100 µA) ........................................................ 5 V
Transient Forward Current (10
µs Pulse)[5] .............................. 500 mA
Operating Temperature Range ....................................... -40 to +100
°C
Storage Temperature Range .......................................... -55 to +100
°C
LED Junction Temperature .......................................................... 110
°C
Lead Soldering Temperature
[1.6 mm (0.063 in.) from body .......................... 260
°C for 5 seconds
SMT Reflow Soldering Temperatures
Convective Reflow ............. 235
°C Peak, above 183°C for 90 seconds
Vapor Phase Reflow ........................................... 215
°C for 3 minutes
Notes:
1. Maximum IAVG at f = 1 kHz.
2. Refer to Figure 6 to establish pulsed operating conditions.
3. Derate linearly as shown in Figure 4.
4. The transient peak current is the maximum non-recurring peak current these devices
can withstand without damaging the LED die and wire bonds. Operation at currents
above Absolute Maximum Peak Forward Current is not recommended.
5. Drive currents between 5 mA and 30 mA are recommended for best long term
performance.
6. Operation at currents below 5 mA is not recommended, please contact your Hewlett-
Packard sales representative.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn