Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-PH00 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. HLMA-PH00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-PH00 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1-162
Device Selection Guide
Viewing Angle
Amber
Reddish-Orange
Package
Package Description
2
θ1/
2
λ
d = 590 nm
λ
d = 615 nm
Outline
Domed, Nondiffused
28
°
HLMA-QL00
HLMA-QH00
B
Untinted
HLMT-QL00
HLMT-QH00
Flat Top, Nondiffused,
125
°
HLMA-PL00
HLMA-PH00
A
Untinted
HLMT-PL00
HLMT-PH00
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. PROTRUDING SUPPORT TAB IS CONNECTED TO CATHODE LEAD.
0.25 (0.010) MAX.
0.20 (0.008) MAX.
0.50 (0.020) REF.
CATHODE
1.65
1.91
(0.065)
(0.075)
DIA.
ANODE
0.46
0.56
(0.018)
(0.022)
NOTE 2
11.68
10.67
(0.460)
(0.420)
BOTH SIDES
Package Dimensions
(A) Flat Top Lamps
(B) Domed Lamps, Diffused and Nondiffused
0.46
0.56
(0.018)
(0.022)
1.40
1.65
(0.055)
(0.065)
0.25 (0.010) MAX.
0.20 (0.008) MAX.
0.50 (0.020) REF.
CATHODE
1.65
1.91
(0.065)
(0.075)
DIA.
ANODE
11.68
10.67
(0.460)
(0.420)
BOTH SIDES
NOTE 2
1.14
1.40
(0.045)
(0.055)
0.58
0.43
(0.023)
(0.017)
1.91
2.16
(0.075)
(0.085)
0.18
0.23
(0.007)
(0.009)
0.76 (0.030) MAX.
1.91
2.41
(0.075)
(0.095)
2.08
2.34
(0.082)
(0.092)
CATHODE
STRIPE
0.94
1.24
(0.037)
(0.049)
2.08
2.34
(0.082)
(0.092)
CATHODE
STRIPE
2.92 (0.115)
MAX.
0.76
0.89
(0.030)
(0.035)
R.
0.63
0.38
(0.025)
(0.015)
0.18
0.23
(0.007)
(0.009)
1.91
2.16
(0.075)
(0.085)
2.03 (0.080)
1.78 (0.070)
0.79 (0.031)
0.53 (0.021)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn