Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-PH00 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. HLMA-PH00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-PH00 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1-165
Electrical Characteristics at TA = 25°C
Forward
Reverse
Capacitance
Speed of Response
Voltage
Breakdown
C (pF)
τ
s (ns)
Part
VF (Volts)
VR (Volts)
VF = 0,
Thermal
Time Constant
Number
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
Resistance
e-t/τ
HLMA-
Typ.
Max.
Min.
Typ.
Typ.
R
θ
J-PIN (°C/W)
Typ.
QL00
1.9
2.4
5
25
40
170
13
QH00
1.9
2.4
5
25
40
170
13
PL00
1.9
2.4
5
25
40
170
13
PH00
1.9
2.4
5
25
40
170
13
HLMT-
QL00
2.0
2.4
5
20
70
170
13
QH00
2.0
2.4
5
20
70
170
13
PL00
2.0
2.4
5
20
70
170
13
PH00
2.0
2.4
5
20
70
170
13
WAVELENGTH – nm
550
594
600
650
700
1.0
0.5
0
AMBER
621
REDDISH
ORANGE
630
Figure 1. Relative Intensity vs. Wavelength. All Devices.
s


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn