Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-PH00 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HLMA-PH00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-PH00 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1-164
Optical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Intensity
Total Flux
Peak
Dominant
Angle
Luminous
Part
IV (mcd)
φ
V (mlm)
Wavelength
Wavelength
2
θ
1/2
Efficacy
Number
@ 20 mA[1]
@ 20 mA[2]
λ
peak (nm)
λ
d
[3] (nm)
Degrees[4]
η
v
[5]
HLMA-
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
(lm/w)
QL00
135
500
250
592
590
15
480
QH00
135
500
250
621
615
15
263
PL00
23
75
250
592
590
125
480
PH00
22
75
250
621
615
125
263
HLMT-
QL00
300
800
592
590
15
480
QH00
290
800
800
621
615
15
263
PL00
46
150
800
592
590
125
480
PH00
35
120
800
621
615
125
263
Notes:
1. The luminous intensity, I
v, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern
may not be aligned with this axis.
2.
φ
v is the total luminous flux output as measured with an integrating sphere.
3. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
4.
θ
1/2 is the off-axis angle where the liminous intensity is 1/2 the peak intensity.
5. Radiant intensity, I
v, in watts/steradian, may be calculated from the equation Iv = Ivv, where Iv is the luminous intensity in candelas
and
η
v is the luminous efficacy in lumens/watt.
NO. ANODE DOWN.
YES. CATHODE DOWN.
CATHODE
TAB
Figure 1. Proper Right Angle Mounting to a PC Board to Prevent Protruding Cathode Tab from Shorting to Anode
Connection.
1000


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn