Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-DX05 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. HLMA-DX05
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-DX05 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1-51
Optical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Intensity
Peak
Dominant
Angle
Luminous
IV (mcd)
Wavelength
Wavelength
2
θ1/2
Efficacy
Part Number
@ 20 mA[1]
λ
peak (nm)
λ
d
[2] (nm)
Degrees[3]
η
v
HLMA-
Min.
Typ.
Typ.
Typ.
Typ.
(lm/w)
DL05
35
100
594
592
65
480
DH05
35
100
621
615
65
263
KL05
35
100
594
592
60
480
KH05
35
100
621
615
60
263
Notes:
1.
φ
v is the total luminous flux output as measured with an integrating sphere.
2. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
Electrical Characteristics at TA = 25°C
Forward
Reverse
Capacitance
Speed of Response
Voltage
Breakdown
C (pF)
τs (ns)
Part
VF (Volts)
VR (Volts)
VF = 0,
Thermal
Time Constant
Number
@ IF = 20 mA
@ IR = 100 µA
f = 1 mHz
Resistance
e-t/τs
HLMA-
Typ.
Max.
Min.
Typ.
Typ.
R
θ
J-PIN (°C/W)
Typ.
DL05
1.9
2.4
5
25
60
260
13
DH05
1.9
2.4
5
25
60
260
13
KL05
1.9
2.4
5
25
60
290
13
KH05
1.9
2.4
5
25
60
290
13
WAVELENGTH – nm
550
600
700
650
AMBER
1.0
0.5
0
REDDISH-ORANGE
594
621
630
Figure 1. Relative Intensity vs.
Wavelength.
Figure 2. Forward Current vs.
Forward Voltage.
1.0
0
VF – FORWARD VOLTAGE – V
2.5
200
120
80
1.5
2.0
160
3.0
40
20
60
100
140
180


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn